Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102-100QPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 1 Page - Texas Instruments

  TPL0102-100QPWREP Datasheet HTML 1Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 2Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 3Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPL0102-EP
SLIS149 – JUNE 2014
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
1 Features
2 Applications
1
•
Dual-Channel, 256-Position Resolution
•
Adjustable Gain Amplifiers and Offset Trimming
•
Non-Volatile Memory Stores Wiper Settings
•
Adjustable Power Supplies
•
2-mm × 2-mm, 14-Pin TSSOP Package
•
Precision Calibration of Set Point Thresholds
•
100-k
Ω End-to-End Resistance (TPL0102-100)
•
Sensor Trimming and Calibration
•
Fast Power-Up Response Time to Wiper Setting:
•
Mechanical Potentiometer Replacement
<100 µs
3 Description
•
±0.5 LSB INL, ±0.25 LSB DNL (Voltage-Divider
The TPL0102-EP is a two-channel, linear-taper digital
Mode)
potentiometer
with
256
wiper
positions.
Each
•
4 ppm/°C Ratiometric Temperature Coefficient
potentiometer can be used as a three-terminal
•
I2C-Compatible Serial Interface
potentiometer or as a two-terminal rheostat. The
•
2.7- to 5.5-V Single-Supply Operation
TPL0102-EP-100 has an end-to-end resistance of
100 k
Ω.
•
±2.25 to ±2.75 V Dual-Supply Operation
The
TPL0102-EP
has
non-volatile
memory
•
Operating Temperature Range From
(EEPROM) which can be used to store the wiper
–40°C to 125°C
position. The internal registers of the TPL0102-EP
•
ESD Performance Tested Per JESD 22
can be accessed using the I2C interface.
–
2000-V Human Body Model
The TPL0102-EP is available in a 14-pin TSSOP
(A114-B, Class II)
package with a specified temperature range of –40°C
•
Supports Defense, Aerospace, and Medical
to 125°C.
Applications
–
Controlled Baseline
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
–
One Assembly and Test Site
TPL0102-
–
One Fabrication Site
TSSOP (14)
5.00 mm × 4.40 mm
100QPWREP
–
Available in Extended (Q) Temperature –40°C
(1) For all available packages, see the orderable addendum at
to 125°C
the end of the data sheet.
–
Extended Product Life Cycle
–
Extended Product-Change Notification
–
Product Traceability
4 Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
TPL0102-100PWR TI2-TPL0102-100PWR Datasheet
1Mb / 48P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
REVISED SEPTEMBER 2015
TPL0102-100PWR.B TI2-TPL0102-100PWR.B Datasheet
1Mb / 48P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
REVISED SEPTEMBER 2015
More results

Similar Description - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com