Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102-100QPWREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 3Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1
10
100
85
95
105
115
125
Operating Junction Temperature (ºC)
C020
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
Electrical Characteristics (continued)
VDD = 2.7 to 5.5 V, VSS = 0 V, VH= VDD, VL= GND, TJ = –40°C to 125°C (unless otherwise noted). Typical values are at
VDD = 5 V, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RHEOSTAT MODE (Measurements between W and L with H not connected, or between W and H with L not connected)
RINL(10)(11)
Integral non-linearity
–1
1
LSB
RDNL(10)(12)
Differential non-linearity
–0.5
0.5
LSB
ROFFSET
(13) (14)
Offset
0
0.2
2
LSB
RMATCH
(13) (15)
Channel-to-channel matching
–2
2
LSB
Code = 0x00h,
L Floating,
RBW
Bandwidth
TPL0102-100
54
kHz
Input applied to W, Measure
at H, CLOAD = 10 pF
(10) RLSB = (RMEAS[code 255] – RMEAS[code 0]) / 255
(11) RINL =( (RMEAS[code x] – RMEAS[code 0]) / RLSB) – [code x]
(12) RDNL =( (RMEAS[code x] – RMEAS[code x-1]) / RLSB ) – 1
(13) IDEAL_RLSB = RTOT / 256
(14) ROFFSET = RMEAS[code 0] / IDEAL_RLSB
(15) RMATCH = (RMEAS_A[code x] – RMEAS_B[code x]) / IDEAL_RLSB
(1)
See data sheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
Enhanced plastic product disclaimer applies.
Figure 1. TPL0102-EP Electromigration Fail Mode/Wirebond Life Derating Chart
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com