Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4376 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 4 Page - Texas Instruments

  AM4376 Datasheet HTML 1Page - Texas Instruments AM4376 Datasheet HTML 2Page - Texas Instruments AM4376 Datasheet HTML 3Page - Texas Instruments AM4376 Datasheet HTML 4Page - Texas Instruments AM4376 Datasheet HTML 5Page - Texas Instruments AM4376 Datasheet HTML 6Page - Texas Instruments AM4376 Datasheet HTML 7Page - Texas Instruments AM4376 Datasheet HTML 8Page - Texas Instruments AM4376 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
• Device Identification
•
Transfers to and from On-Chip Memories
– Factory Programmable Electrical Fuse Farm
•
Transfers to and from External Storage
(FuseFarm)
(EMIF, GPMC, and Slave Peripherals)
•
Production ID
• InterProcessor Communication (IPC)
– Integrates Hardware-Based Mailbox for IPC and
•
Device Part Number (Unique JTAG ID)
Spinlock for Process Synchronization Between
•
Device Revision (Readable by Host ARM)
the Cortex-A9, PRCM, and PRU-ICSS
•
Feature Identification
• Boot Modes
• Debug Interface Support
– Boot Mode is Selected Through Boot
– JTAG and cJTAG for ARM (Cortex-A9 and
Configuration Pins Latched on the Rising Edge
PRCM) and PRU-ICSS Debug
of the PWRONRSTn Reset Input Pin
– Supports Real-Time Trace Pins (for Cortex-A9)
• Camera
– 64-KB Embedded Trace Buffer (ETB)
– Dual Port 8- and 10-Bit BT656 Interface
– Supports Device Boundary Scan
– Dual Port 8- and 10-Bit Including External Syncs
– Supports IEEE 1500
– Single Port 12-Bit
• DMA
– YUV422/RGB422 and BT656 Input Format
– On-Chip Enhanced DMA Controller (EDMA) Has
– RAW Format
Three Third-Party Transfer Controllers (TPTCs)
– Pixel Clock Rate up to 75 MHz
and One Third-Party Channel Controller
• Package
(TPCC), Which Supports up to 64
Programmable Logical Channels and Eight
– 491-Pin BGA Package (17-mm × 17-mm) (ZDN
QDMA Channels
Suffix), 0.65-mm Ball Pitch With Via Channel
Array Technology to Enable Low-Cost Routing
– EDMA is Used for:
1.2
Applications
•
Patient Monitoring
•
Bar Code Scanners
•
Navigation Equipment
•
Point of Service
•
Industrial Automation
•
Portable Mobile Radios
•
Portable Data Terminals
•
Test and Measurement
4
Device Overview
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com