Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4376 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 60Page - Texas Instruments AM4376 Datasheet HTML 61Page - Texas Instruments AM4376 Datasheet HTML 62Page - Texas Instruments AM4376 Datasheet HTML 63Page - Texas Instruments AM4376 Datasheet HTML 64Page - Texas Instruments AM4376 Datasheet HTML 65Page - Texas Instruments AM4376 Datasheet HTML 66Page - Texas Instruments AM4376 Datasheet HTML 67Page - Texas Instruments AM4376 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
4.3
Signal Descriptions
The device contains many peripheral interfaces. In order to reduce package size and lower overall system
cost while maintaining maximum functionality, many of the terminals can multiplex up to eight signal
functions. Although there are many combinations of pin multiplexing that are possible, only a certain
number of sets, called IO Sets, are valid due to timing limitations. These valid IO Sets were carefully
chosen to provide many possible application scenarios for the user.
TI has developed a Windows-based application called Pin Mux Utility that helps a system designer select
the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility
provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pin-multiplexing
configuration selected for a design only uses valid IO Sets supported by the device.
(1) SIGNAL NAME: The signal name
(2) DESCRIPTION: Description of the signal.
(3) TYPE: Ball type for this specific function:
–
I = Input
–
O = Output
–
I/O = Input/Output
–
D = Open drain
–
DS = Differential
–
A = Analog
(4) BALL: Package ball location.
Table 4-11. Reserved Signals
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
Reserved
Reserved
NA
AE12
64
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com