Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4376 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 2 Page - Texas Instruments

  AM4376 Datasheet HTML 1Page - Texas Instruments AM4376 Datasheet HTML 2Page - Texas Instruments AM4376 Datasheet HTML 3Page - Texas Instruments AM4376 Datasheet HTML 4Page - Texas Instruments AM4376 Datasheet HTML 5Page - Texas Instruments AM4376 Datasheet HTML 6Page - Texas Instruments AM4376 Datasheet HTML 7Page - Texas Instruments AM4376 Datasheet HTML 8Page - Texas Instruments AM4376 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
•
8KB (PRU-ICSS1), 4KB (PRU-ICSS0) of
– Real-Time Date (Day, Month, Year, and Day of
Data RAM With Single-Error Detection
Week) and Time (Hours, Minutes, and Seconds)
(Parity)
Information
– Internal 32.768-kHz Oscillator, RTC Logic, and
•
Single-Cycle 32-Bit Multiplier With 64-Bit
1.1-V Internal LDO
Accumulator
– Independent Power-On-Reset
•
Enhanced GPIO Module Provides Shift-In
(RTC_PWRONRSTn) Input
and Shift-Out Support and Parallel Latch on
External Signal
– Dedicated Input Pin (RTC_WAKEUP) for
External Wake Events
– 12KB (PRU-ICSS1 Only) of Shared RAM With
Single-Error Detection (Parity)
– Programmable Alarm Can Generate Internal
Interrupts to the PRCM for Wakeup or Cortex-
– Three 120-Byte Register Banks Accessible by
A9 for Event Notification
Each PRU
– Programmable Alarm Can Be Used With
– Interrupt Controller Module (INTC) for Handling
External Output (RTC_PMIC_EN) to Enable the
System Input Events
Power-Management IC to Restore Non-RTC
– Local Interconnect Bus for Connecting Internal
Power Domains
and External Masters to the Resources Inside
• Peripherals
the PRU-ICSS
– Up to Two USB 2.0 High-Speed Dual-Role
– Peripherals Inside the PRU-ICSS
(Host or Device) Ports With Integrated PHY
•
One UART Port With Flow Control Pins,
– Up to Two Industrial Gigabit Ethernet MACs
Supports up to 12 Mbps
(10, 100, and 1000 Mbps)
•
One eCAP Module
•
Integrated Switch
•
Two MII Ethernet Ports that Support
•
Each MAC Supports MII, RMII, and RGMII
Industrial Ethernet, such as EtherCAT
and MDIO Interfaces
•
One MDIO Port
•
Ethernet MACs and Switch Can Operate
– Industrial Communication is Supported by Two
Independent of Other Functions
PRU-ICSS Subsystems
•
IEEE 1588v2 Precision Time Protocol (PTP)
• Power Reset and Clock Management (PRCM)
– Up to Two Controller Area Network (CAN) Ports
Module
•
Supports CAN Version 2 Parts A and B
– Controls the Entry and Exit of Deep-Sleep
Modes
– Up to Two Multichannel Audio Serial Ports
(McASPs)
– Responsible for Sleep Sequencing, Power
Domain Switch-Off Sequencing, Wake-Up
•
Transmit and Receive Clocks up to 50 MHz
Sequencing, and Power Domain Switch-On
•
Up to Four Serial Data Pins Per McASP Port
Sequencing
With Independent TX and RX Clocks
– Clocks
•
Supports Time Division Multiplexing (TDM),
•
Integrated High-Frequency Oscillator Used
Inter-IC Sound (I2S), and Similar Formats
to Generate a Reference Clock (19.2, 24, 25,
•
Supports Digital Audio Interface
and 26 MHz) for Various System and
Transmission (SPDIF, IEC60958-1, and
Peripheral Clocks
AES-3 Formats)
•
Supports Individual Clock Enable and
•
FIFO Buffers for Transmit and Receive
Disable Control for Subsystems and
(256 Bytes)
Peripherals to Facilitate Reduced Power
– Up to Six UARTs
Consumption
•
All UARTs Support IrDA and CIR Modes
•
Five ADPLLs to Generate System Clocks
•
All UARTs Support RTS and CTS Flow
(MPU Subsystem, DDR Interface, USB, and
Control
Peripherals [MMC and SD, UART, SPI, I2C],
•
UART1 Supports Full Modem Control
L3, L4, Ethernet, GFX [SGX530], and LCD
– Up to Five Master and Slave McSPI Serial
Pixel Clock)
Interfaces
– Power
•
McSPI0-McSPI2 Supports up to Four Chip
•
Two Nonswitchable Power Domains (RTC
Selects
and Wake-Up Logic [WAKE-UP])
•
McSPI3-McSPI4 Supports up to Two Chip
•
Three Switchable Power Domains (MPU
Selects
Subsystem, SGX530 (GFX), Peripherals and
•
Up to 48 MHz
Infrastructure (PER))
– One Quad-SPI
•
Dynamic Voltage Frequency Scaling (DVFS)
•
Supports eXecute In Place (XIP) from Serial
• Real-Time Clock (RTC)
2
Device Overview
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com