Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4376 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 3 Page - Texas Instruments

  AM4376 Datasheet HTML 1Page - Texas Instruments AM4376 Datasheet HTML 2Page - Texas Instruments AM4376 Datasheet HTML 3Page - Texas Instruments AM4376 Datasheet HTML 4Page - Texas Instruments AM4376 Datasheet HTML 5Page - Texas Instruments AM4376 Datasheet HTML 6Page - Texas Instruments AM4376 Datasheet HTML 7Page - Texas Instruments AM4376 Datasheet HTML 8Page - Texas Instruments AM4376 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
NOR FLASH
–
Four Types of Displays Are Supported:
Passive and Active Colors; Passive and
– One Dallas 1-Wire® and HDQ Serial Interface
Active Monochromes
– Up to Three MMC, SD, and SDIO Ports
–
4- and 8-Bit Monochrome Passive Panel
•
1-, 4-, and 8-Bit MMC, SD, and SDIO Modes
Interface Support (15 Grayscale Levels
•
1.8- or 3.3-V Operation on All Ports
Supported Using Dithering Block)
•
Up to 48-MHz Clock
–
RGB 8-Bit Color Passive Panel Interface
•
Supports Card Detect and Write Protect
Support (3,375 Colors Supported for
•
Complies With MMC4.3 and SD and SDIO
Color Panel Using Dithering Block)
2.0 Specifications
–
RGB 12-, 16-, 18-, and 24-Bit Active
– Up to Three I2C Master and Slave Interfaces
Panel Interface Support (Replicated or
•
Standard Mode (up to 100 kHz)
Dithered Encoded Pixel Values)
•
Fast Mode (up to 400 kHz)
–
Remote Frame Buffer (Embedded in the
LCD Panel) Support Through the RFBI
– Up to Six Banks of General-Purpose I/O (GPIO)
Module
•
32 GPIOs per Bank (Multiplexed With Other
–
Partial Refresh of the Remote Frame
Functional Pins)
Buffer Through the RFBI Module
•
GPIOs Can be Used as Interrupt Inputs (up
–
Partial Display
to Two Interrupt Inputs per Bank)
–
Multiple Cycles Output Format on 8-, 9-,
– Up to Three External DMA Event Inputs That
12-, and 16-Bit Interface (TDM)
Can Also be Used as Interrupt Inputs
•
Signal Processing
– Twelve 32-Bit General-Purpose Timers
–
Overlay and Windowing Support for One
•
DMTIMER1 is a 1-ms Timer Used for
Graphics Layer (RGB or CLUT) and Two
Operating System (OS) Ticks
Video Layers (YUV 4:2:2, RGB16, and
•
DMTIMER4–DMTIMER7 are Pinned Out
RGB24)
– One Public Watchdog Timer
–
RGB 24-Bit Support on the Display
– One Free-Running, High-Resolution 32-kHz
Interface, Optionally Dithered to RGB
Counter (synctimer32K)
18
‑Bit Pixel Output Plus 6-Bit Frame Rate
– SGX530 3D Graphics Engine
Control (Spatial and Temporal)
•
Tile-Based Architecture Delivering up to 20M
–
Transparency Color Key (Source and
Poly/sec
Destination)
•
Universal Scalable Shader Engine is a
–
Synchronized Buffer Update
Multithreaded Engine Incorporating Pixel and
–
Gamma Curve Support
Vertex Shader Functionality
–
Multiple-Buffer Support
•
Advanced Shader Feature Set in Excess of
–
Cropping Support
Microsoft VS3.0, PS3.0, and OGL2.0
–
Color Phase Rotation
•
Industry Standard API Support of Direct3D
– Two 12-Bit Successive Approximation Register
Mobile, OGL-ES 1.1 and 2.0, and OpenVG
(SAR) ADCs (ADC0, ADC1)
1.0
•
867K Samples Per Second
•
Fine-Grained Task Switching, Load
Balancing, and Power Management
•
Input Can Be Selected from Any of the Eight
Analog Inputs Multiplexed Through an 8:1
•
Advanced Geometry DMA-Driven Operation
Analog Switch
for Minimum CPU Interaction
•
ADC0 Can Be Configured to Operate as a
•
Programmable High-Quality Image Anti-
4
‑, 5-, or 8-Wire Resistive Touch Screen
Aliasing
Controller (TSC)
•
Fully Virtualized Memory Addressing for OS
– Up to Three 32-Bit eCAP Modules
Operation in a Unified Memory Architecture
•
Configurable as Three Capture Inputs or
– Display Subsystem
Three Auxiliary PWM Outputs
•
Display Modes
– Up to Six Enhanced eHRPWM Modules
–
Programmable Pixel Memory Formats
•
Dedicated 16-Bit Time-Base Counter With
(Palletized: 1-, 2-, 4-, and 8-Bits Per
Time and Frequency Controls
Pixel; RGB 16- and 24-Bits Per Pixel; and
YUV 4:2:2)
•
Configurable as Six Single-Ended, Six Dual-
Edge Symmetric, or Three Dual-Edge
–
256 × 24-Bit Entries Palette in RGB
Asymmetric Outputs
–
Up to 2048 × 2048 Resolution
– Up to Three 32-Bit eQEP Modules
•
Display Support
Copyright © 2014–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com