Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215IM/NOPB
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215IM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMC7215IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LMC7215, LMC7225
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (continued)
Unless otherwise specified, TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2
Symbol
Parameter
Conditions
LMC7215
LMC7225
Units
Typ(1)
Typ(1) (2)
tPHL
Propagation Delay
See(2) (3)
Overdrive = 10 mV
24
24
μs
(High to Low)
Overdrive = 100 mV
12
12
V+ = 2.7V(2) (3)
Overdrive = 10 mV
17
17
μs
Overdrive = 100 mV
11
11
tPLH
Propagation Delay
See(2) (3)
Overdrive = 10 mV
24
29
μs
(Low to High)
Overdrive = 100 mV
12
17
V+ = 2.7V(2) (3)
Overdrive = 10 mV
17
22
μs
Overdrive = 100 mV
11
16
(3)
Input step voltage for the propagation measurements is 100 mV.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com