Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215IM/NOPB
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215IM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC7215IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 12Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 13Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LMC7215, LMC7225
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 17. RS = 10Ω
Figure 18.
LATCH-UP
In the past, most CMOS IC's were susceptible to a damaging phenomena known as latch-up. This occurred
when an ESD current spike or other large signal was applied to any of the pins of an IC. The LMC7215 and
LMC7225 both are designed to make them highly resistant to this type of damage. They have passed
qualification tests with input currents on any lead up to 300 mA at temperatures up to 125°C.
SPICE MODELS
For a SPICE model of the LMC7215, LMC7225 and many other op amps and comparators, visit www.ti.com.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com