Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215IM/NOPB
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC7215IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LMC7215, LMC7225
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
INPUT VOLTAGE RANGE
The LMC7215/25 have input voltage ranges that are larger than the supply voltage ensures that signals from
other parts of the system cannot overdrive the inputs. This allows sensing supply current by connecting one input
directly to the V+ line and the other to the other side of a current sense resistor. The same is true if the sense
resistor is in the ground return line.
Sensing supply voltage is also easy by connecting one input directly to the supply.
The inputs of these comparators are protected by diodes to both supplies. This protects the inputs from both
ESD as well as signals that greatly exceed the supply voltages. As a result, current will flow through these
forward biased diodes whenever the input voltage is more than a few hundred millivolts larger than the supplies.
Until this occurs, there is essentially no input current. As a result, placing a large resistor in series with any input
that may be exposed to large voltages, will limit the input current but have no other noticeable effect.
If the input current is limited to less than 5 mA by a series resistor, (see Figure 14), a threshold or zero crossing
detector, that works with inputs from as low as a few millivolts to as high as 5,000V, is made with only one
resistor and the comparator.
INPUTS
As mentioned above, these comparators have near zero input current. This allows very high resistance circuits to
be used without any concern for matching input resistances. This also allows the use of very small capacitors in
R-C type timing circuits. This reduces the cost of the capacitors and amount of board space used.
CAPACITIVE LOADS
The high output current drive allows large capacitive loads with little effect. Capacitive loads as large as 10,000
pF have no effect upon delay and only slow the transition by about 3
μs.
OUTPUT CURRENT
Even though these comparators use less than 1
μA supply current, the outputs are able to drive very large
currents.
The LMC7215 can source up to 50 mA when operated on a 5V supply. Both the LMC7215 and LMC7225 can
sink over 20 mA. (See the graph of Max IO vs. VSUPPLY in the " Typical Characteristics” section.)
This large current handling ability allows driving heavy loads directly. LEDs, beepers and other loads can be
driven easily.
The push-pull output stage of the LMC7215 is a very important feature. This keeps the total system power
consumption to the absolute minimum. The only current consumed is the less than 1
μA supply current and the
current going directly into the load. No power is wasted in a pull-up resistor when the output is low. The
LMC7225 is only recommended where a level shifting function from one logic level to another is desired, where
the LMC7225 is being used as a drop-in lower power replacement for an older comparator or in circuits where
more than one output will be paralleled.
POWER DISSIPATION
The large output current ability makes it possible to exceed the maximum operating junction temperature of 85°C
and possibly even the absolute maximum junction temperature of 150°C.
The thermal resistance of the 8-pin SOIC package is 165°C/W. Shorting the output to ground with a 2.7V supply
will only result in about 5°C rise above ambient.
The thermal resistance of the much smaller 5-Pin SOT-23 package is 325°C/W. With a 2.7V supply, the raise is
only 10.5°C but if the supply is 5V and the short circuit current is 50 mA, this will cause a raise of 41°C in the 8-
Pin SOIC and 81°C in the 5-Pin SOT-23. This should be kept in mind if driving very low resistance loads.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com