Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215IM/NOPB
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC7215IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC7215IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LMC7215, LMC7225
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
2 kV
Differential Input Voltage
V+ +0.3V, V−
−0.3V
Voltage at Input/Output Pin
V+ +0.3V, V−
−0.3V
Supply Voltage (V+–V−)
10V
Current at Input Pin
±5 mA
Current at Output Pin (4)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temperature
(soldering, 10 sec)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature isPD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2V
≤ VCC ≤ 8V
Temperature Range (2)
−40°C to +85°C
Package Thermal Resistance (
θJA)
8-Pin SOIC
165°C/W
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature isPD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
2.7V to 5V Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V to 5V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
LMC7215
LMC7225
Units
Typ (1)
Limit(2)
Limit(2)
1
6
6
mV
VOS
Input Offset Voltage
8
8
max
Input Offset Voltage
TCVOS
2
μV/°C
Average Drift
IB
Input Current
5
fA
IOS
Input Offset Current
1
fA
Common Mode
dB
CMRR
See (3)
80
60
60
Rejection Ratio
min
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
(3)
CMRR measured at VCM = 0V to 2.5V and 2.5V to 5V when VS = 5V, VCM = 0.2V to 1.35V and 1.35V to 2.7V when VS = 2.7V. This
eliminates units that have large VOS at the VCM extremes and low or opposite VOS at VCM = VS/2.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com