Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
-10
-8
-6
-4
-2
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
ISEL CURRENT (PA)
1
10
100
1000
SUPPLY CURRENT (PA)
0.1
1
10
100
85°C
25°C
-40°C
1
10
100
1000
SUPPLY CURRENT (PA)
0.1
1
10
100
85°C
25°C
-40°C
TIME (100 Ps/DIV)
TIME (10 Ps/DIV)
TIME (10 Ps/DIV)
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
−; for Mid-Power Mode the
ISEL pin is connected to V
− through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
− through a 1 MΩ
resistor.
Large Signal Inverting Response
Large Signal Inverting Response
(Full Power Mode)
(Mid Power Mode)
Figure 27.
Figure 28.
ISINK
Large Signal Inverting Response
vs.
(Low Power Mode)
Supply Current
Figure 29.
Figure 30.
ISOURCE
Gain Bandwidth Product
vs.
vs.
Supply Current
ISEL
Figure 31.
Figure 32.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com