Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 3 Page - Texas Instruments

  LPV531 Datasheet HTML 1Page - Texas Instruments LPV531 Datasheet HTML 2Page - Texas Instruments LPV531 Datasheet HTML 3Page - Texas Instruments LPV531 Datasheet HTML 4Page - Texas Instruments LPV531 Datasheet HTML 5Page - Texas Instruments LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
5V Full Power Mode Electrical Characteristics
Unless otherwise specified, all limits are ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, I
SEL pin connected to V
−,
RL = 100 kΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
VOS
Input Offset Voltage
±1
±4.5
mV
±5
ΔVOS
Input Offset Voltage Difference
(VOS in Full Power Mode) −
±0.1
±2
mV
(VOS in Low Power Mode)
TC VOS
Input Offset Average Drift
(3)
±2
μV/°C
IB
Input Bias Current
(4)
.05
±10
pA
±100
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.5V
72
95
dB
68
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5.5V
74
90
dB
VCM = 1V
70
CMVR
Input Common Mode Voltage
CMRR
≥ 50 dB
−0.3
3.8
V
Range
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V
87
96
RL = 1 kΩ to V
+/2
84
VO = 0.5V to 4.5V
104
114
dB
RL = 10 kΩ to V
+/2
100
VO = 0.5V to 4.5V
108
128
RL = 100 kΩ, to V
+/2
104
VO
Output Swing High
RL = 1 kΩ to V
+/2
120
180
195
RL = 10 kΩ to V
+/2
55
80
mV from
85
V+
RL = 100 kΩ to V
+/2
30
50
60
Output Swing Low
RL = 1 kΩ to V
+/2
160
210
230
RL = 10 kΩ to V
+/2
105
120
mV
135
RL = 100 kΩ to V
+/2
95
120
135
ISC
Output Short Circuit Current (5)
Sourcing, VO = 2.5V
−15
−8
VID = 100 mV
−3
mA
Sinking, VO = 2.5V
13
24
VID = −100 mV
10
IS
Supply Current
425
530
μA
650
SR
Slew Rate (6)
AV = +1, VIN = 0.5V to 3.5V
1.55
2.5
V/
μs
CL = 15 pF
1
GBW
Gain Bandwidth Product
CL = 20 pF
4.6
MHz
en
Input-Referred Voltage Noise
f = 100 kHz
20
nV/
√Hz
f = 1 kHz
28
in
Input-Referred Current Noise
f = 1 kHz
6
fA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Specified by design.
(5)
Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature
of 150°C.
(6)
Slew rate is the slower of the rising or falling slew rates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com