Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments LPV531 Datasheet HTML 17Page - Texas Instruments LPV531 Datasheet HTML 18Page - Texas Instruments LPV531 Datasheet HTML 19Page - Texas Instruments LPV531 Datasheet HTML 20Page - Texas Instruments LPV531 Datasheet HTML 21Page - Texas Instruments LPV531 Datasheet HTML 22Page - Texas Instruments LPV531 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
INPUT CAPACITANCE AND FEEDBACK CIRCUIT ELEMENTS
The LPV531 has a very low input bias current (50 fA). To obtain this performance a large CMOS input stage is
used, which adds to the input capacitance of the op amp, CIN. Though this does not affect the DC and low
frequency performance, at higher frequencies the input capacitance interacts with the input and the feedback
impedances to create a pole, which results in lower phase margin and gain peaking. The gain peaking can be
reduced by carefully choosing the appropriate feedback resistor, as well as, by using a feedback capacitance,
CF. For example, in the inverting amplifier shown in Figure 43, if CIN and CF are ignored and the open loop gain
of the op amp is considered infinite then the gain of the circuit is
−R2/R1. An op amp, however, usually has a
dominant pole, which causes its gain to drop with frequency. Hence, this gain is only valid for DC and low
frequency. To understand the effect of the input capacitance coupled with the non-ideal gain of the op amp, the
circuit needs to be analyzed in the frequency domain using a Laplace transform.
Figure 43. Inverting Amplifier
For simplicity, the op amp is modeled as an ideal integrator with a unity gain frequency of A0 . Hence, its transfer
function (or gain) in the frequency domain is A0/s. Solving the circuit equations in the frequency domain, ignoring
CF for the moment, results in the following equation for the gain:
(6)
It can be inferred from the denominator of the transfer function that it has two poles, whose expressions can be
obtained by solving for the roots of the denominator:
(7)
Equation 7 shows that as the values of R1 and R2 are increased, the magnitude of the poles is reduced, and
hence the bandwidth of the amplifier is decreased. Furthermore, R1 and R2 are related by the gain of the
amplifier.
AV = −R2/R1, or alternatively
R2 = −AVR1
It is the presence of pairs of poles in Equation 7 that causes gain peaking. In order to eliminate this effect, the
poles should be placed in Butterworth position, since poles in Butterworth position do not cause gain peaking. To
achieve a Butterworth pair, the quantity under the square root in Equation 7 should be set to equal
−1. Using this
fact and the relation between R1 and R2, the optimum value for R1 can be found. This is shown in Equation 8. If
R1 is chosen to be larger than this optimum value, gain peaking will occur.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com