Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV531 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
1
10
100
10k
100k
FREQUENCY (Hz)
10
100
1000
1k
LOW POWER MODE
MID POWER MODE
FULL POWER MODE
10
100
1000
CAPACITIVE LOAD (pF)
0
30
70
10
20
40
50
60
LOW POWER MODE
FULL POWER MODE
MID POWER MODE
RL=100 k:
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
−; for Mid-Power Mode the
ISEL pin is connected to V
− through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
− through a 1 MΩ
resistor.
Input Referred Voltage Noise
Phase Margin
vs.
vs.
Frequency
Capacitive Load
Figure 33.
Figure 34.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com