Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301INEE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INEE4
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INEE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2301INEE4 Datasheet HTML 2Page - Texas Instruments TLE2301INEE4 Datasheet HTML 3Page - Texas Instruments TLE2301INEE4 Datasheet HTML 4Page - Texas Instruments TLE2301INEE4 Datasheet HTML 5Page - Texas Instruments TLE2301INEE4 Datasheet HTML 6Page - Texas Instruments TLE2301INEE4 Datasheet HTML 7Page - Texas Instruments TLE2301INEE4 Datasheet HTML 8Page - Texas Instruments TLE2301INEE4 Datasheet HTML 9Page - Texas Instruments TLE2301INEE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC ± = ±15 V, CC = 15 pF (unless
otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
VIC = 0,
25
°C
0.3
10
mV
VIO
Input offset voltage
O
,
RS = 50 Ω
IC
,
Full range
15
mV
IIB
Input bias current
VO = 0,
VIC = 0,
25
°C
260
450
nA
IIB
Input bias current
O
,
RS = 50 Ω
IC
,
Full range
500
nA
–14
VICR
Common-mode input voltage range
RS = 50 Ω
Full range
14
to
V
ICR
gg
S
g
11.8
VOM
Maximum positive peak output voltage swing
RL =20 Ω
See Note 6
25
°C
13
13.5
V
VOM + Maximum positive peak output voltage swing
RL = 20 Ω,
See Note 6
Full range
13
V
VOM
Maximum negative peak output voltage swing
RL =20 Ω
See Note 6
25
°C
– 12.6
–13
V
VOM – Maximum negative peak output voltage swing
RL = 20 Ω,
See Note 6
Full range
– 12.5
V
AVD
Large signal differential voltage amplification
VO = ± 6 V,
VIC = 0,
25
°C
70
102
dB
AVD
Large-signal differential voltage amplification
O
,
RL = 20 Ω
IC
,
Full range
65
dB
ri
Differential input resistance
25
°C
1
M
Ω
r
Output resistance (see Note 7)
TRS1 = 0.8 V
25
°C
1
Ω
ro
Output resistance (see Note 7)
TRS1 = 2 V,
3-state mode
25
°C
100
k
Ω
CMRR
Common-mode rejection ratio
VIC=VICRmin,
RS = 50 Ω
VO = 0,
25
°C
70
97
dB
kSVR
Supply voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± = ±4.5 V to ±20 V,
25
°C
70
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
CC
±
,
VIC = 0,
No load
25
°C
70
100
dB
IIH
Enable input current high
VI =2V
3 state mode
25
°C
0.01
0.5
µA
IIH
Enable input current, high
VI = 2 V,
3-state mode
Full range
0.5
µA
IIL
Enable input current low
VI =0 8V
25
°C
0.01
0.5
µA
IIL
Enable input current, low
VI = 0.8 V
Full range
0.5
µA
IOS
Short-circuit output current (see Note 8)
VO = 0,
tp ≤ 50 µs
25
°C
1
3
A
VO =0
No load
25
°C
11
25
ICC
Supply current
VO = 0,
No load
Full range
30
mA
ICC
Supply current
VO = 0,
No load,
25
°C
2.2
3.5
mA
O
3-state mode
Full range
5
† Full range is – 40
°C to 85°C.
NOTES:
6. OUT1 and OUT2 are connected together for all tests.
7. TRS1 voltage is measured with respect to TRS2 potential.
8. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately (tp = pulse duration time) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com