Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301INEE4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INEE4
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INEE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2301INEE4 Datasheet HTML 8Page - Texas Instruments TLE2301INEE4 Datasheet HTML 9Page - Texas Instruments TLE2301INEE4 Datasheet HTML 10Page - Texas Instruments TLE2301INEE4 Datasheet HTML 11Page - Texas Instruments TLE2301INEE4 Datasheet HTML 12Page - Texas Instruments TLE2301INEE4 Datasheet HTML 13Page - Texas Instruments TLE2301INEE4 Datasheet HTML 14Page - Texas Instruments TLE2301INEE4 Datasheet HTML 15Page - Texas Instruments TLE2301INEE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10.4
10.1
9.9
0
246
8
10
12
10.5
10.7
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
10.8
14
16
18
20
10.6
10.3
10
VCC
± – Supply Voltage – V
10.2
VO = 0
No Load
TA = 25°C
Figure 16
10.2
10
9.6
9.4
10.4
10.6
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
10.8
9.8
– 50
– 25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCC
± = ±5 V
VCC
± = ±15 V
VO = 0
No Load
Figure 17
VOLTAGE FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
–15
–10
–5
0
5
10
15
– 2
0
2
4
6
8
10
12
14
VCC
± = ±15 V
RL = 20 Ω
CL = 100 pF
TA = 25°C
t – Time –
µs
Figure 18
VOLTAGE FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
– 150
– 100
–50
0
50
100
150
– 0.5
0
0.5
1
1.5
2
2.5
VCC
± = ±5 V
RL = 20 Ω
CL = 100 pF
TA = 25°C
t – Time –
µs
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com