Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301INEE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INEE4
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INEE4 Datasheet(HTML) 3 Page - Texas Instruments

  TLE2301INEE4 Datasheet HTML 1Page - Texas Instruments TLE2301INEE4 Datasheet HTML 2Page - Texas Instruments TLE2301INEE4 Datasheet HTML 3Page - Texas Instruments TLE2301INEE4 Datasheet HTML 4Page - Texas Instruments TLE2301INEE4 Datasheet HTML 5Page - Texas Instruments TLE2301INEE4 Datasheet HTML 6Page - Texas Instruments TLE2301INEE4 Datasheet HTML 7Page - Texas Instruments TLE2301INEE4 Datasheet HTML 8Page - Texas Instruments TLE2301INEE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
COMP1
16
COMP1 and COMP2 are compensation network terminals
COMP2
1
IN +
14
Noninverting input
IN –
11
Inverting input
OUT1
3
Two low-distortion class-AB output stages. Each is capable of sourcing more than 500 mA. OUT1 and OUT2 should be
OUT2
6
gg
connected together for all applications.
TRS1
TRS2
9
8
TRS1 and TRS2 are 3-state input terminals. TRS2 should be connected to the ground of the circuit generating the 3-state
command (normally
µP ground). The TLE2301 is brought into 3-state mode by raising TRS1 2 V above TRS2. Placing the
(y
µ g)
g
y
g
g
TLE2301 in a 3-state mode reduces the supply current to below 2.2 mA (typ). Normal operation resumes by bringing TRS1
to within 0.8 V of TRS2. The 3-state function can be disabled by connecting both TRS1 and TRS2 to VCC – .
VCC –
10, 15
High-impedance VCC – input terminals. Although these do not carry any of the device’s supply current, they increase the
stability of the device and should be connected to the negative supply terminal (VCC –).
VCC –
4, 5,
12, 13
Negative supply terminals and substrate. As with all NE packages, the substrate is directly connected to the lead frame.
The result is that the junction-to-ambient thermal impedance (Z
θJA) is greatly reduced by soldering the negative supply
terminals to the copper area of the printed-circuit board (PCB).
VCC +
2, 7
Positive supply terminals. Both terminals should be connected to the positive voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com