Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301INEE4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301INEE4
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301INEE4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2301INEE4 Datasheet HTML 13Page - Texas Instruments TLE2301INEE4 Datasheet HTML 14Page - Texas Instruments TLE2301INEE4 Datasheet HTML 15Page - Texas Instruments TLE2301INEE4 Datasheet HTML 16Page - Texas Instruments TLE2301INEE4 Datasheet HTML 17Page - Texas Instruments TLE2301INEE4 Datasheet HTML 18Page - Texas Instruments TLE2301INEE4 Datasheet HTML 19Page - Texas Instruments TLE2301INEE4 Datasheet HTML 20Page - Texas Instruments TLE2301INEE4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
coupling capacitor
With such a wide frequency band, the quality factor of the coupling filter needs to be low in order to avoid
unacceptably large attenuation at the band edges and to achieve a good coupling performance that is
insensitive to a wide range of loads. For a band-pass filter of this configuration, the quality factor is proportional
to the reciprocal of the coupling capacitance. For low Q, the value of CC needs to be large.
Q
+ quality factor and C
C +
coupling capacitor
Q
∝ 1
C
C
Counterbalancing this need for a large value of CC creates two more considerations. First, the capacitance
should not be so large as to allow significant 50-Hz mains current through the transformer ( I = 2
× π × f × CC
× V). Second, the coupling capacitor is required to meet certain safety standards. The coupling capacitor is
actually an RFI-suppression capacitor that has been designed by the manufacturers to provide an adequate
level of protection when connected across the various conductors of the mains supply (consult the UL1283 or
UL1414 standards for RFI capacitors). These types of capacitors can be expensive, physically large, restricted
in capacitance value, and limited in the number of manufacturers.
As a reasonable compromise between all these factors, a coupling capacitor of 470 nF is chosen. This value
is multisourced, moderately priced, limits the mains current through the transformer to less than 36 mA rms, and
has sufficient capacitance to form the desired low-Q filter.
transformer leakage inductance
The transformer leakage inductance, inherent to the transformer, can be used to form an LC band-pass filter.
If the capacitor alone is used to couple onto the mains network, its capacitance value needs to be quite large
for it to have a reasonably low reactance at the signalling frequencies. Forming an LC filter greatly reduces the
value of capacitor required. The center frequency of the filter is not the same as the midband frequency of
65 kHz. Band-pass filters show a symmetrical shape only when plotted against the logarithm of frequency, so
the center frequency (fo) is given by the following formula:
fo +
f
lower
fupper
+ 60 kHz
+ (40
90 ) kHz
The leakage inductance of the transformer, as viewed from the winding connected to the coupling capacitor,
is derived from 2
πfO = 1/√LC. The required leakage inductance of the transformer is:
+ 15 µH
L
+
1
(2
πfo)2 C
C
+
1
(2
π
60 kHz )2
470 nF
Transformer Leakage Inductance
Capacitor
Figure 25. Band-Pass Coupling Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com