Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS710B0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 2Page - Infineon Technologies AG TLS710B0 Datasheet HTML 3Page - Infineon Technologies AG TLS710B0 Datasheet HTML 4Page - Infineon Technologies AG TLS710B0 Datasheet HTML 5Page - Infineon Technologies AG TLS710B0 Datasheet HTML 6Page - Infineon Technologies AG TLS710B0 Datasheet HTML 7Page - Infineon Technologies AG TLS710B0 Datasheet HTML 8Page - Infineon Technologies AG TLS710B0 Datasheet HTML 9Page - Infineon Technologies AG TLS710B0 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLS710B0
General Product Characteristics
Data Sheet
6
Rev. 1.0, 2015-03-12
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range for Normal
Operation
V
I
V
Q,nom + Vdr –
40
V
–
P_4.2.1
Extended Input Voltage Range
V
I,ext
4.0
–
40
V
–
1)
1) When
V
I is between VI,ext.min and VQ,nom + Vdr, VQ = VI - Vdr. When VI is below VI,ext,min, VQ can drop down to 0 V.
P_4.2.2
Enable Voltage Range
V
EN
0
–
40
V
–
P_4.2.3
Output Capacitor’s Requirements
for Stability
C
Q
1–
–
µF
–2)
2) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.4
Output Capacitor’s ESR
ESR(C
Q)–
–
5
Ω
–3)
3) Relevant ESR value at
f = 10 kHz
P_4.2.5
Junction Temperature
T
i
-40
–
150
°C
–
P_4.2.6
Table 3
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Package Version PG-DSO-8 EP
Junction to Case1)
1) Not subject to production test, specified by design
R
thJC
–
13
–
K/W
–
P_4.3.1
Junction to Ambient
R
thJA
–
46
–
K/W
2s2p board2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.2
Junction to Ambient
R
thJA
–
153
–
K/W
1s0p board, footprint
only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
P_4.3.3
Junction to Ambient
R
thJA
–
71
–
K/W
1s0p board, 300 mm2
heatsink area on PCB3)
P_4.3.4
Junction to Ambient
R
thJA
–
59
–
K/W
1s0p board, 600 mm2
heatsink area on PCB3)
P_4.3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com