Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS710B0 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS710B0 Datasheet HTML 1Page - Infineon Technologies AG TLS710B0 Datasheet HTML 2Page - Infineon Technologies AG TLS710B0 Datasheet HTML 3Page - Infineon Technologies AG TLS710B0 Datasheet HTML 4Page - Infineon Technologies AG TLS710B0 Datasheet HTML 5Page - Infineon Technologies AG TLS710B0 Datasheet HTML 6Page - Infineon Technologies AG TLS710B0 Datasheet HTML 7Page - Infineon Technologies AG TLS710B0 Datasheet HTML 8Page - Infineon Technologies AG TLS710B0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PG-DSO-8 EP
Type
Package
Marking
TLS710B0EJV50
PG-DSO-8 EP
710B0V50
Data Sheet
2
Rev. 1.0, 2015-03-12
Low Dropout Linear Voltage Regulator
TLS710B0
1Overview
Features
•
Wide Input Voltage Range from 4.0 V to 40 V
•
Output Voltage 5 V
•
Output Voltage Precision ±2 %
•
Output Current up to 100 mA
•
Low Current Consumption of 40 µA
•
Very Low Dropout Voltage of typ. 250 mV at 100 mA Output Current
•
Stable with Small Output Capacitor of 1 µF
•
Enable
•
Overtemperature Shutdown
•
Output Current Limitation
•
Wide Temperature Range from -40 °C up to 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLS710B0 is a low dropout linear voltage regulator for load current up to 100 mA. An input voltage of up to
40 V is regulated to
V
Q,nom = 5 V with ±2 % precision.
The TLS710B0, with a typical quiescent current of 40 µA, is the ideal solution for systems requiring very low
operating current, such as those permanently connected to the battery.
It features a very low dropout voltage of 250 mV, when the output current is less than 100 mA. In addition, the
dropout region begins at input voltages of 4.0 V (extended operating range). This makes the TLS710B0 suitable
to supply automotive systems with start-stop requirements.
The device can be switched on and off by the Enable feature as described on Chapter “Enable” on Page 13.
In addition, the TLS710B0’s new fast regulation concept requires only a single, 1 µF output capacitor to maintain
stable regulation.
The device is designed for the harsh environment of automotive applications. Therefore standard features like
output current limitation and overtemperature shutdown are implemented and protect the device against failures
like output short circuit to GND, over-current and over-temperature. The TLS710B0 can be also used in all other
applications requiring a stabilized 5 V supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com