Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS710B0 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 3Page - Infineon Technologies AG TLS710B0 Datasheet HTML 4Page - Infineon Technologies AG TLS710B0 Datasheet HTML 5Page - Infineon Technologies AG TLS710B0 Datasheet HTML 6Page - Infineon Technologies AG TLS710B0 Datasheet HTML 7Page - Infineon Technologies AG TLS710B0 Datasheet HTML 8Page - Infineon Technologies AG TLS710B0 Datasheet HTML 9Page - Infineon Technologies AG TLS710B0 Datasheet HTML 10Page - Infineon Technologies AG TLS710B0 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
7
Rev. 1.0, 2015-03-12
TLS710B0
Block Description and Electrical Characteristics
5
Block Description and Electrical Characteristics
5.1
Voltage Regulation
The output voltage
V
Q is divided by a resistor network. This fractional voltage is compared to an internal voltage
reference and drives the pass transistor accordingly.
The control loop stability depends on the output capacitor
C
Q, the load current, the chip temperature and the
internal circuit design. To ensure stable operation, the output capacitor’s capacitance and its equivalent series
resistor ESR requirements given in Table 2 “Functional Range” on Page 6 must be maintained. For details see
the typical performance graph “Output Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on
Page 10. Since the output capacitor is used to buffer load steps, it should be sized according to the application’s
needs.
An input capacitor
C
I is not required for stability, but is recommended to compensate line fluctuations. An
additional reverse polarity protection diode and a combination of several capacitors for filtering should be used, in
case the input is connected directly to the battery line. Connect the capacitors close to the regulator terminals.
Whenever the load current exceeds the specified limit, e.g. in case of a short circuit, the output current is limited
and the output voltage decreases.
The overtemperature shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g.
output continuously short-circuited) by switching off the power stage. After the chip has cooled, the regulator
restarts. This oscillatory thermal behaviour causes the junction temperature to exceed the maximum rating of
150°C and can significantly reduce the IC’s lifetime.
Figure 3
Block Diagram Voltage Regulation
LOAD
Supply
CI
Regulated
Output Voltage
IQ
II
VI
VQ
C
ESR
CQ
Bandgap
Reference
GND
Q
I
Current
Limitation
Temperature
Shutdown
Enable
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com