Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS710B0 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 9Page - Infineon Technologies AG TLS710B0 Datasheet HTML 10Page - Infineon Technologies AG TLS710B0 Datasheet HTML 11Page - Infineon Technologies AG TLS710B0 Datasheet HTML 12Page - Infineon Technologies AG TLS710B0 Datasheet HTML 13Page - Infineon Technologies AG TLS710B0 Datasheet HTML 14Page - Infineon Technologies AG TLS710B0 Datasheet HTML 15Page - Infineon Technologies AG TLS710B0 Datasheet HTML 16Page - Infineon Technologies AG TLS710B0 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
Rev. 1.0, 2015-03-12
TLS710B0
Block Description and Electrical Characteristics
5.5
Enable
The TLS710B0 can be switched on and off by the Enable feature. Connect a HIGH level as specified below (e.g.
the battery voltage) to pin EN to enable the device; connect a LOW level as specified below (e.g. GND) to switch
it off. The Enable function has a build-in hysteresis to avoid toggling between ON/OFF state, if signals with slow
slopes are appiled to the input.
Table 6
Electrical Characteristics Enable
V
I = 13.5 V; Tj = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified).
Typical values are given at
T
j = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Enable Voltage High Level
V
EN,H
2––V
V
Q settled
P_5.5.1
Enable Voltage Low Level
V
EN,L
––0.8
V
V
Q ≤ 0.1 V
P_5.5.2
Enable Threshold Hysteresis
V
EN,Hy
75
–
–
mV
–
P_5.5.3
Enable Input Current
Low Level
I
EN,H
––5.5
µA
V
EN = 5 V
P_5.5.4
Enable Input Current
High Level
I
EN,H
––22
µA
V
EN < 18 V
P_5.5.5
Enable internal pull-down resistor
R
EN
0.9
1.5
2.6
MΩ
–
P_5.5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com