Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF003 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF003
Description  QwikRadiotm 900 MHz UHF Receiver Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF003 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF003 Datasheet HTML 8Page - Micrel Semiconductor MICRF003 Datasheet HTML 9Page - Micrel Semiconductor MICRF003 Datasheet HTML 10Page - Micrel Semiconductor MICRF003 Datasheet HTML 11Page - Micrel Semiconductor MICRF003 Datasheet HTML 12Page - Micrel Semiconductor MICRF003 Datasheet HTML 13Page - Micrel Semiconductor MICRF003 Datasheet HTML 14Page - Micrel Semiconductor MICRF003 Datasheet HTML 15Page - Micrel Semiconductor MICRF003 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
QwikRadio
tm
13
October1999
MICRF003
MICRF003
Micrel
Typical Application
Figure 7 below illustrates a typical application for the MICRF003 UHF Receiver IC. Operation in this example is at 915MHz,
and may be customized by selection of the appropriate reference frequency (CR1), and adjustment of the antenna length.
The value of C4 would also change, if the optional input filter is used. Changes from the 1kbps data rate may require a
change in the value of R1. The Bill of Materials is shown in the accompanying chart.
Bill of Materials
Item
Part Number
Manufacturer
Description
U1
MICRF003
Micrel
UHF Receiver
U2
HT-12D
Holtek
Logic decoder
CR1
CSA7.12MG
Murata
7.12MHz Cer. Res.
D1
SSF-LX100LID
Lumex
RED LED
R1
Bourns
68k, 1/4W ,5%
R2
Bourns
1k,1/4W, 5%
C1
Panasonic
4.7µF, Dip Tant. Cap
C3
Panasonic
0.47µF, Dip Tant. Cap
C2
Panasonic
2.2µF, Dip Tant. Cap
C4
Panasonic
3.0 pF, COG Cer. Cap
Vendor
Telephone
Fax
Bourns
(909) 781-5500
(909) 781-5273
Holtek
(408) 894-9046
(408) 894-0838
Lumex
(800) 278-5666
(847) 359-8904
Murata
(800) 241-6574
(770) 436-3030
Panasonic
(201) 348-7000
(201) 348-8164
Figure 7
915MHz, 1kbps OOK Receiver/Decoder
SWP Mode, Continuous Operation
6-Bit Address Decode/2 OP Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com