Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF003 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF003
Description  QwikRadiotm 900 MHz UHF Receiver Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF003 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF003 Datasheet HTML 1Page - Micrel Semiconductor MICRF003 Datasheet HTML 2Page - Micrel Semiconductor MICRF003 Datasheet HTML 3Page - Micrel Semiconductor MICRF003 Datasheet HTML 4Page - Micrel Semiconductor MICRF003 Datasheet HTML 5Page - Micrel Semiconductor MICRF003 Datasheet HTML 6Page - Micrel Semiconductor MICRF003 Datasheet HTML 7Page - Micrel Semiconductor MICRF003 Datasheet HTML 8Page - Micrel Semiconductor MICRF003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
QwikRadio
tm
3
October 1999
MICRF003
MICRF003
Micrel
Pin Description (Pin numbers for the 8-pin version are identified in parentheses)
Pin Number
Pin Name
Pin Function
1
SEL0
This pin, in conjunction with SEL1, programs the desired Demodulator Filter Bandwidth. This pin is internally
pulled-up to VDDRF. See Table 1.
2/3
VSSRF
This pin is the ground return for the RF section of the IC. The bypass capacitor connected from VDDRF to
VSSRF should have the shortest possible lead length. For best performance, connect VSSRF to VSSBB at the
power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
(1)
VSSRF
This pin is the ground return for the IC. The bypass capacitor connected from VDDRF to VSSRF should have
the shortest possible lead length.
4
(2)
ANT
This is the receive RF input, internally ac-coupled. Connect this pin to the receive antenna. Input impedance is
high (FET gate) with approximately 2pF of shunt (parasitic) capacitance. For applications located in high
ambient noise environments, a fixed value band-pass network may be connected between the ANT pin and
VSSRF to provide additional receive selectivity and input overload protection. (See “Application Note TBD”.)
5
VDDRF
This pin is the positive supply input for the RF section of the IC. VDDBB and VDDRF should be connected
directly at the IC pins. Connect a low ESL, low ESR decoupling capacitor from this pin to VSSRF, as short as
possible.
6
VDDBB
This pin is the positive supply input for the baseband section of the IC. VDDBB and VDDRF should be
connected directly at the IC pins.
(3)
VDDRF
This pin is the positive supply input for the IC. Connect a low ESL, low ESR decoupling capacitor from this pin
to VSSRF, as short as possible.
7
(4)
CTH
This capacitor extracts the (DC) average value from the demodulated waveform, which becomes the reference
for the internal data slicing comparator. Treat this as a low-pass RC filter with source impedance of nominally
90kohms ( for REFOSC frequency Ft = 6.75MHz, see “Application Note TBD”). A standard
± 20% X7R
ceramic capacitor is generally sufficient.
8
N/C
Unused Pin
9
VSSBB
This is the ground return for the baseband section of the IC. The bypass and output capacitors connected to
VSSBB should have the shortest possible lead lengths. For best performance, connect VSSRF to VSSBB at
the power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
10
(5)
DO
The output data signal. CMOS level compatible.
11
(6)
SHUT
A logic input for Shutdown Mode control. Pull this pin low to place the IC into operation. This pin in internally
pulled-up to VDDRF.
12
WAKEB
An output signal, active low when the IC detects an incoming RF signal, determined by monitoring for data
preamble. CMOS level compatible.
13
(7)
CAGC
Integrating capacitor for on-chip AGC (Automatic Gain Control). The Decay/Attack time-constant (TC) ratio is
nominally set as 10:1. Use of 0.47uF or greater is strongly recommended for best range performance. Use
low-leakage type capacitors for duty-cycle operation (Dip Tantalum, Ceramic, Polyester). (See “Application Note
TBD.)
14
SEL1
This pin, in conjunction with SEL0, programs the desired Demodulator Filter Bandwidth. This pin in internally
pulled-up to VDDRF. See Table 1.
15
(8)
REFOSC
This is the timing reference for on-chip tuning and alignment. Connect either a ceramic resonator or crystal
(mode dependent) between this pin and VSSBB, or drive the input with an AC coupled 0.5Vpp input clock. Use
ceramic resonators without integral capacitors. Note that if operating in FIXED mode, a crystal must be used;
however in SWP mode, one may use either a crystal or ceramic resonator. See “Application Note TBD” for
details on frequency selection and accuracy.
16
SWEN
This logic pin controls the operating mode of the MICRF003. When SWEN = HIGH, the MICRF003 is in SWP
mode. When SWEN = LOW, the device operates as a conventional single-conversion superheterodyne
receiver. (See “Application Note TBD” for details.) This pin is internally pulled-up to VDDRF.
SEL0
SEL1
Demodulator Bandwidth (Hz)
SWP Mode
FIXED Mode
1
1
6000
22400
0
1
3000
11200
1
0
1500
5600
0
0
750
2800
Table 1
Nominal Demodulator (Baseband) Filter Bandwidth
vs. SEL0, SEL1 and Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com