Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF003 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF003
Description  QwikRadiotm 900 MHz UHF Receiver Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF003 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF003 Datasheet HTML 1Page - Micrel Semiconductor MICRF003 Datasheet HTML 2Page - Micrel Semiconductor MICRF003 Datasheet HTML 3Page - Micrel Semiconductor MICRF003 Datasheet HTML 4Page - Micrel Semiconductor MICRF003 Datasheet HTML 5Page - Micrel Semiconductor MICRF003 Datasheet HTML 6Page - Micrel Semiconductor MICRF003 Datasheet HTML 7Page - Micrel Semiconductor MICRF003 Datasheet HTML 8Page - Micrel Semiconductor MICRF003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Micrel Inc. • 1849 Fortune Drive San Jose, Ca 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MICRF003 / 033
QwikRadiotm 900 MHz UHF Receiver
Preliminary Information
General Description
The MICRF003 is a single chip OOK (ON-OFF Keyed) Receiver IC for
remote wireless applications, employing Micrel’s latest QwikRadio
tm
technology. This device is a true “antenna-in, data-out” monolithic device. All
RF and IF tuning is accomplished automatically within the IC, which
eliminates manual tuning, and reduces production costs. Receiver functions
are completely integrated. The result is a highly reliable yet extremely low
cost solution for high volume wireless applications. Because the MICRF003
is a true single-chip radio receiver, it is extremely easy to apply, minimizing
design and production costs, and improving time to market.
The MICRF003 provides two fundamental modes of operation, FIXED and
SWP.
In FIXED mode, the device functions like a conventional
Superheterodyne receiver, with an (internal) local oscillator fixed at a single
frequency based on an external reference crystal or clock. As with any
conventional superheterodyne receiver, the transmit frequency must be
accurately controlled, generally with a crystal or SAW (Surface Acoustic
Wave) resonator.
In SWP mode, the MICRF003 sweeps the (internal) local oscillator at rates
greater than the baseband data rate. This effectively “broadens” the RF
bandwidth of the receiver to a value equivalent to conventional super-
regenerative receivers.
Thus the MICRF003 can operate with less
expensive LC transmitters without additional components or tuning, even
though the receiver topology is still superheterodyne.
In this mode the
reference crystal can be replaced with a less expensive
± 0.5% ceramic
resonator.
The MICRF003 provides two additional key features: (1) a Shutdown Mode,
which may be used for duty-cycle operation, and (2) a “Wakeup” function,
which provides a logical indication of an incoming RF signal. These features
make the MICRF003 ideal for low and ultra-low power applications, such as
RKE and RFID.
All post-detection (demodulator) data filtering is provided on the MICRF003,
so no external filters need to be designed. Any one of four filter bandwidths
may be selected externally by the user. Nominal filter bandwidths range in
binary steps, from 0.75kHz to 6kHz (SWP mode) or 2.8kHz to 22.4kHz
(FIXED mode).
The user only needs to program the appropriate filter
selection based on data rate and code modulation format.
Features
• Complete 900 MHz Band receiver on a monolithic IC
• UHF Frequency range 800 to 1000 MHz
• Typical range over 170 meters with monopole antenna
• Data rates to 5kbps (SWP), 20kbps (FIXED)
• Automatic tuning, no manual adjustment
• No Filters or Inductors required
• Low Operating Supply Current--4mA @ 868MHz
• Shutdown Mode for Duty-Cycle Operation in excess of
100:1
• Wakeup Function to Enable External Decoders and
Microprocessors
• Very low RF re-radiation at the antenna
• CMOS logic interface to standard decoder and
microprocessor ICs
• Extremely low external part count
Applications
• Automotive Remote Keyless Entry
• Security Systems
• Low Rate Data Modems
• Remote Meter Data Collection
Typical Operating Circuit
915 MHz, 2400 bps OOK
ISM Band RECEIVER


Similar Part No. - MICRF003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF003

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
900-MHz ISM Band Receiver
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
NXP Semiconductors
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com