Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF003 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF003
Description  QwikRadiotm 900 MHz UHF Receiver Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF003 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF003 Datasheet HTML 1Page - Micrel Semiconductor MICRF003 Datasheet HTML 2Page - Micrel Semiconductor MICRF003 Datasheet HTML 3Page - Micrel Semiconductor MICRF003 Datasheet HTML 4Page - Micrel Semiconductor MICRF003 Datasheet HTML 5Page - Micrel Semiconductor MICRF003 Datasheet HTML 6Page - Micrel Semiconductor MICRF003 Datasheet HTML 7Page - Micrel Semiconductor MICRF003 Datasheet HTML 8Page - Micrel Semiconductor MICRF003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
QwikRadio
tm
5
October 1999
MICRF003
MICRF003
Micrel
Note 1:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10e-2 Bit Error Rate (BER). The input
signal is defined as a return-to-zero (RZ) waveform with 50% average duty cycle (e.g., Manchester Encoded Data) at a data rate of
600bps. The RF input is assumed to be matched into 50
Ω.
Note 2:
Spurious reverse isolation represents the spurious components which appear on the RF input (ANT) pin measured into 50
Ω with an
input RF matching network.
Note 3:
Sensitivity, a commonly specified Receiver parameter, provides an indication of the Receiver’s input referred noise, generally input
thermal noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a less
sensitive receiver, if the “ether” noise is appreciably higher than the thermal noise. “Ether” noise refers to other interfering “noise”
sources, such as FM radio stations, pagers, etc.
A better indicator of achievable receiver range performance is usually given by its Selectivity, often stated as Intermediate Frequency
(IF) or Radio Frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of
“ether” noise. More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so high that
most of the noise on the receiver input is actually thermal will the receiver demonstrate sensitivity-limited performance.
Note 4:
Parameter scales linearly with REFOSC frequency Ft. For any REFOSC frequency other than 6.75MHz, compute new parameter
value as the ratio [(REFOSC FREQ (in MHz)) / 6.75] * [Parameter Value @ 6.75MHz]. Example: For REFOSC Freq. Ft =
7.12MHz, [Parameter Value @ 7.12MHz] = (7.12 / 6.75) * [Parameter Value @ 6.75MHz].
Note 5:
Parameter scales inversely with REFOSC frequency Ft. For any REFOSC frequency other than 6.75MHz, compute new parameter
value as the ratio [6.75 / (REFOSC FREQ (in MHz))] * [Parameter Value @ 6.75MHz]. Example: For REFOSC Freq. Ft =
7.12MHz, [Parameter Value @ 7.12MHz] = (6.75 / 7.12) * [Parameter Value @ 6.75MHz].
Note 6:
Demod filter bandwidths are related in a binary manner, so any of the other (lower) nominal filter values may be derived simply by
dividing this parameter value by 2, 4, or 8 as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com