Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C64 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24C64
Description  64K SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C64 Datasheet(HTML) 5 Page - Microchip Technology

  24C64 Datasheet HTML 1Page - Microchip Technology 24C64 Datasheet HTML 2Page - Microchip Technology 24C64 Datasheet HTML 3Page - Microchip Technology 24C64 Datasheet HTML 4Page - Microchip Technology 24C64 Datasheet HTML 5Page - Microchip Technology 24C64 Datasheet HTML 6Page - Microchip Technology 24C64 Datasheet HTML 7Page - Microchip Technology 24C64 Datasheet HTML 8Page - Microchip Technology 24C64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
25AA640/25LC640/25C640
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 5
2.0
PIN DESCRIPTIONS
2.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into standby mode.
However, a programming cycle which is already initi-
ated or in progress will be completed, regardless of the
CS input signal. If CS is brought high during a program
cycle, the device will go in standby mode as soon as
the programming cycle is complete. As soon as the
device is deselected, SO goes to the high impedance
state, allowing multiple parts to share the same SPI
bus. A low to high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a high to low transition on CS is required prior to
any sequence being initiated.
2.2
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses, and data. Data is
latched on the rising edge of the serial clock.
2.3
Serial Output (SO)
The SO pin is used to transfer data out of the 25xx640.
During a read cycle, data is shifted out on this pin after
the falling edge of the serial clock.
2.4
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25xx640. Instructions,
addresses, or data present on the SI pin are latched
on the rising edge of the clock input, while data on the
SO pin is updated after the falling edge of the clock
input.
2.5
Write Protect (WP)
This pin is used in conjunction with the WPEN bit in the
status register to prohibit writes to the non-volatile bits
in the status register. When WP is low and WPEN is
high, writing to the non-volatile bits in the status regis-
ter is disabled. All other operations function normally.
When WP is high, all functions, including writes to the
non-volatile bits in the status register operate normally.
If the WPEN bit is set, WP low during a status register
write sequence will disable writing to the status regis-
ter. If an internal write cycle has already begun, WP
going low will have no effect on the write.
The WP pin function is blocked when the WPEN bit in
the status register is low. This allows the user to install
the 25AA640/25LC640/25C640 in a system with WP
pin grounded and still be able to write to the status reg-
ister. The WP pin functions will be enabled when the
WPEN bit is set high.
2.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25xx640 while in the middle of a serial sequence with-
out having to re-transmit the entire sequence over at a
later time. It must be held high any time this function is
not being used. Once the device is selected and a
serial sequence is underway, the HOLD pin may be
pulled low to pause further serial communication with-
out resetting the serial sequence. The HOLD pin must
be brought low while SCK is low, otherwise the HOLD
function will not be invoked until the next SCK high to
low transition. The 25xx640 must remain selected dur-
ing this sequence. The SI, SCK, and SO pins are in a
high impedance state during the time the part is
paused and transitions on these pins will be ignored.
To resume serial communication, HOLD must be
brought high while the SCK pin is low, otherwise serial
communication will not resume. Lowering the HOLD
line at any time will tri-state the SO line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com