Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C64 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24C64
Description  64K SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C64 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24C64 Datasheet HTML 4Page - Microchip Technology 24C64 Datasheet HTML 5Page - Microchip Technology 24C64 Datasheet HTML 6Page - Microchip Technology 24C64 Datasheet HTML 7Page - Microchip Technology 24C64 Datasheet HTML 8Page - Microchip Technology 24C64 Datasheet HTML 9Page - Microchip Technology 24C64 Datasheet HTML 10Page - Microchip Technology 24C64 Datasheet HTML 11Page - Microchip Technology 24C64 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
25AA640/25LC640/25C640
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 11
25AA640/25LC640/25C640 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
ST = TSSOP, 8-lead
Temperature
Range:
Blank = 0
°C to +70°C
I = –40
°C to +85°C
E = –40
°C to +125°C
Devices:
25AA640
64K bit 1.8V SPI Serial EEPROM
25AA640T
64K bit 1.8V SPI Serial EEPROM Tape and Reel
25AA640X
64K bit 1.8V SPI Serial EEPROM
in alternate pinout (ST only)
25AA640XT
64K bit 1.8V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25LC640
64K bit 2.5V SPI Serial EEPROM
25LC640T
64K bit 2.5V SPI Serial EEPROM Tape and Reel
25LC640X
64K bit 2.5V SPI Serial EEPROM
in alternate pinout (ST only)
25LC640XT
64K bit 2.5V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25C640
64K bit 5.0V SPI Serial EEPROM
25C640T
64K bit 5.0V SPI Serial EEPROM Tape and Reel
25C640X
64K bit 5.0V SPI Serial EEPROM
in alternate pinout (ST only)
25C640XT
64K bit 5.0V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25xx640
—
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com