Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C64 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24C64
Description  64K SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C64 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24C64 Datasheet HTML 4Page - Microchip Technology 24C64 Datasheet HTML 5Page - Microchip Technology 24C64 Datasheet HTML 6Page - Microchip Technology 24C64 Datasheet HTML 7Page - Microchip Technology 24C64 Datasheet HTML 8Page - Microchip Technology 24C64 Datasheet HTML 9Page - Microchip Technology 24C64 Datasheet HTML 10Page - Microchip Technology 24C64 Datasheet HTML 11Page - Microchip Technology 24C64 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
25AA640/25LC640/25C640
DS21223A-page 10
Preliminary
© 1997 Microchip Technology Inc.
3.7
Data Protection
The following protection has been implemented to pre-
vent inadvertent writes to the array:
• The write enable latch is reset on power-up.
• A write enable instruction must be issued to set
the write enable latch.
• After a byte write, page write, or status register
write, the write enable latch is reset.
• CS must be set high after the proper number of
clock cycles to start an internal write cycle.
• Access to the array during an internal write cycle
is ignored and programming is continued.
3.8
Power On State
The 25xx640 powers on in the following state:
• The device is in low power standby mode (CS = 1).
• The write enable latch is reset.
• SO is in high impedance state.
• A high to low transition on CS is required to enter
the active state.
.
TABLE 3-3:
WRITE PROTECT FUNCTIONALITY MATRIX
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
X
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
1
Protected
Writable
Protected
X
High
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com