Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C64 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C64
Description  64K SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C64 Datasheet(HTML) 1 Page - Microchip Technology

  24C64 Datasheet HTML 1Page - Microchip Technology 24C64 Datasheet HTML 2Page - Microchip Technology 24C64 Datasheet HTML 3Page - Microchip Technology 24C64 Datasheet HTML 4Page - Microchip Technology 24C64 Datasheet HTML 5Page - Microchip Technology 24C64 Datasheet HTML 6Page - Microchip Technology 24C64 Datasheet HTML 7Page - Microchip Technology 24C64 Datasheet HTML 8Page - Microchip Technology 24C64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS21223A-page 1
M 25AA640/25LC640/25C640
DEVICE SELECTION TABLE
FEATURES
• Low power CMOS technology
- Write current: 3 mA typical
- Read current: 500
µA typical
- Standby current: 500 nA typical
• 8192 x 8 bit organization
• 32 byte page
• Write cycle time: 5ms max.
• Self-timed ERASE and WRITE cycles
• Block write protection
- Protect none, 1/4, 1/2, or all of array
• Built-in write protection
- Power on/off data protection circuitry
- Write enable latch
- Write protect pin
• Sequential read
• High reliability
- Endurance: 1M cycles (guaranteed)
- Data retention: > 200 years
- ESD protection: > 4000 V
• 8-pin PDIP, SOIC, and TSSOP packages
• Temperature ranges supported:
DESCRIPTION
The Microchip Technology Inc. 25AA640/25LC640/
25C640 (25xx640*) is a 64K bit serial Electrically Eras-
able PROM. The memory is accessed via a simple
Serial Peripheral Interface (SPI) compatible serial bus.
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a chip select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
chip select, allowing the host to service higher priority
interrupts.
PACKAGE TYPES
BLOCK DIAGRAM
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
25AA640
1.8-5.5V
1 MHz
C,I
25LC640
2.5-5.5V
2 MHz
C,I
25C640
4.5-5.5V
3 MHz
C,I,E
- Commercial: (C)
0
°C to +70°C
- Industrial: (I)
-40
°C to +85°C
- Automotive: (E) (25C640)
-40
°C to +125°C
TSSOP
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
HOLD
VCC
CS
SO
PDIP/SOIC
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
VSS
SI
SO
SCK
CS
HOLD
WP
Status
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
64K SPI™ Bus Serial EEPROM
*25xx640 is used in this document as a generic part number for the 25AA640/25LC640/25C640 devices.
SPI is a trademark of Motorola.


Similar Part No. - 24C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C64 STMICROELECTRONICS-24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
logo
Siemens Semiconductor G...
24C64 SIEMENS-24C64 Datasheet
358Kb / 26P
64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
Fairchild Semiconductor
24C64 FAIRCHILD-24C64 Datasheet
100Kb / 13P
64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
24C64 ATMEL-24C64 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
logo
Catalyst Semiconductor
24C64 CATALYST-24C64 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
More results

Similar Description - 24C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com