Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LCS66 Datasheet(PDF) 3 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 3 Page - Microchip Technology

  93LCS66 Datasheet HTML 1Page - Microchip Technology 93LCS66 Datasheet HTML 2Page - Microchip Technology 93LCS66 Datasheet HTML 3Page - Microchip Technology 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS11181D-page 3
93LCS56/66
TABLE 1-3:
INSTRUCTION SET FOR 93LCS56*/66
Status valid time
TSV
500
ns
CL=100 pF
Program cycle time
TWC
10
ms
ERASE/WRITE mode (Note 3)
TEC
15
ms
ERAL mode
TWL
30
ms
WRAL mode
Endurance
—
1M
—
cycles
25
°C, Vcc = 5.0V, Block Mode
(Note 4)
3: Typical program cycle time is 4 ms per word.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
93LCS56/66 (x 16 organization)
Instruction SB Opcode
Address
Data In
Data Out
PRE
PE
Comments
READ
1
10
A7 - A0
—
D15-D0
0
X
Reads data stored in memory, start-
ing at specified address (.Note).
EWEN
1
00
11XXXXXX
—
High-Z
0
1
Erase/Write Enable must precede all
programming modes.
ERASE
1
11
A7 - A0
—
(RDY/
BSY)
1
Erase data at specified address
location if address is unprotected
(Note).
ERAL
1
00
10XXXXXX
—
(RDY/
BSY)
0
1
Erase all registers to “FF”. Valid only
when Protect Register is cleared.
WRITE
1
01
A7 - A0*
D15 - D0
(RDY/
BSY)
0
1
Writes register if address is unpro-
tected.
WRAL
1
00
01XXXXXX
D15 - D0
(RDY/
BSY)
0
1
Writes all registers. Valid only when
Protect Register is cleared.
EWDS
1
00
00XXXXXX
—
High-Z
0
X
Erase/Write Disable deactivates all
programming instructions.
PRREAD
1
10
XXXXXXXX
—
A7-A0
1
X
Reads address stored in Protect
Register.
PREN
1
00
11XXXXXX
—
High-Z
1
1
Must immediately precede
PRCLEAR, PRWRITE and PRDS
instructions.
PRCLEAR
1
11
11111111
—
(RDY/
BSY)
1
1
Clears the Protect Register such that
all data are NOT write-protected.
PRWRITE
1
01
A7 - A0*
—
(RDY/
BSY)
1
1
Programs address into Protect Reg-
ister. Thereafter, memory addresses
greater than or equal to the address
in Protect Register are write-pro-
tected.
PRDS
1
00
00000000
—
(RDY/
BSY)
1
1
ONE TIME ONLY instruction after
which the address in the Protect
Register cannot be altered.
Note:
Address A7 bit is a “don’t care” on 93LCS56.
TABLE 1-2:
DC AND AC ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +6.0V
Commercial(C): Tamb = 0˚C to +70˚C
Industrial (I):
Tamb = -40˚C to +85˚C
Parameter
Symbol
Min
Max
Units
Conditions
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com