Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LCS66 Datasheet(PDF) 11 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology 93LCS66 Datasheet HTML 10Page - Microchip Technology 93LCS66 Datasheet HTML 11Page - Microchip Technology 93LCS66 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
93LCS56/66
© 1996 Microchip Technology Inc.
Preliminary
DS11181D-page 11
93LCS56/66 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SM = Plastic SOIC (207 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Device:
93LCS56/66
Microwire Serial EEPROM
93LCS56T/66T
Microwire Serial EEPROM (Tape and Reel)
93LCS56/66 –/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com