Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LCS66 Datasheet(PDF) 8 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology 93LCS66 Datasheet HTML 10Page - Microchip Technology 93LCS66 Datasheet HTML 11Page - Microchip Technology 93LCS66 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
93LCS56/66
DS11181D-page 8
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 2-7:
ERASE TIMING
FIGURE 2-8:
ERAL TIMING
FIGURE 2-9:
PRREAD TIMING
CLK
CS
TCSL
1
DI
A7
BUSY
A0
• • •
READY
TWC
DO
11
CHECK STATUS
STANDBY
TCZ
TRI-STATE
TSV
TRI-STATE
PE
PRE = 0
• Address bit A7 is a "don't care" for 93LCS56.
CLK
CS
TCSL
0
DI
0
BUSY
0
READY
TEC
DO
11
CHECK STATUS
STANDBY
TCZ
TRI-STATE
TSV
TRI-STATE
Guarantee at VCC = 4.5V to 6.0V
Protect Register must be cleared
PE
PRE = 0
• • •
XX
6 DON'T CARE BITS
CLK
CS
TCSL
1
DI
X
• • •
DO
10
PRE
X
A6
• • •
A0
0A7
• X •
PE = X
• Address bit A7 is a "don't care" for 93LCS56.
8 DON'T CARE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com