Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LCS66 Datasheet(PDF) 4 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 4 Page - Microchip Technology

  93LCS66 Datasheet HTML 1Page - Microchip Technology 93LCS66 Datasheet HTML 2Page - Microchip Technology 93LCS66 Datasheet HTML 3Page - Microchip Technology 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
93LCS56/66
DS11181D-page 4
Preliminary
© 1996 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 93LCS56/66 is organized as 128/256 registers by
16 bits. Instructions, addresses and write data are
clocked into the DI pin on the rising edge of the clock
(CLK). The DO pin is normally held in a high-Z state
except when reading data from the device, or when
checking the ready/busy status during a programming
operation. The ready/busy status can be verified during
an Erase/Write operation by polling the DO pin; DO low
indicates that programming is still in progress, while DO
high indicates the device is ready. The DO will enter the
high-Z state on the falling edge of the CS.
2.1
START Condition
The START bit is detected by the device if CS and DI
are both HIGH with respect to the positive edge of CLK
for the first time.
Before a START condition is detected, CS, CLK, and DI
may change in any combination (except to that of a
START condition), without resulting in any device oper-
ation (READ, WRITE, ERASE, EWEN, EWDS, ERAL,
WRAL, PRREAD, PREN, PRCLEAR, PRWRITE, and
PRDS). As soon as CS is HIGH, the device is no longer
in the standby mode.
An instruction following a START condition will only be
executed if the required amount of opcode, address
and data bits for any particular instruction is clocked in.
After execution of an instruction (i.e., clock in or out of
the last required address or data bit) CLK and DI
become don't care bits until a new start condition is
detected.
2.2
DI/DO
It is possible to connect the Data In and Data Out pins
together. However, with this configuration it is possible
for a “bus conflict” to occur during the “dummy zero” that
precedes the READ operation, if A0 is a logic HIGH
level. Under such a condition the voltage level seen at
Data Out is undefined and will depend upon the relative
impedances of Data Out and the signal source driving
A0. The higher the current sourcing capability of A0, the
higher the voltage at the Data Out pin.
2.3
Data Protection
During power-up, all programming modes of operation
are inhibited until VCC has reached a level greater than
1.4V. During power-down, the source data protection
circuitry acts to inhibit all programming modes when
VCC has fallen below 1.4V.
The EWEN and EWDS commands give additional pro-
tection against accidentally programming during nor-
mal operation.
After power-up, the device is automatically in the
EWDS mode. Therefore, an EWEN instruction must be
performed before any ERASE or WRITE instruction can
be executed.
2.4
READ
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 16 bit output string. The output
data bits will toggle on the rising edge of the CLK and
are stable after the specified time delay (TPD). Sequen-
tial read is possible when CS is held high. The memory
data will automatically cycle to the next register and
output sequentially.
2.5
Erase/Write Enable and Disable
(EWEN, EWDS)
The 93LCS56/66 powers up in the Erase/Write Disable
(EWDS) state. All programming modes must be pre-
ceded by an Erase/Write Enable (EWEN) instruction.
The PE pin MUST be held “high” while loading the
EWEN instruction. Once the EWEN instruction is exe-
cuted, programming remains enabled until an EWDS
instruction is executed or VCC is removed from the
device. To protect against accidental data disturb, the
EWDS instruction can be used to disable all Erase/
Write functions and should follow all programming
operations. Execution of a READ instruction is indepen-
dent of both the EWEN and EWDS instructions.
2.6
ERASE
The ERASE instruction forces all data bits of the spec-
ified address to the logical “1” state. CS is brought low
following the loading of the last address bit. This falling
edge of the CS pin initiates the self-timed programming
cycle. The PE pin MUST be latched “high” during load-
ing the ERASE instruction but becomes a “don't care”
after loading the instruction.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCLS). DO at logical “0” indicates that program-
ming is still in progress. DO at logical “1” indicates that
the register at the specified address has been erased
and the device is ready for another instruction. ERASE
instruction is valid if specified address is unprotected.
The ERASE cycle takes 4 ms per word typical.
2.7
WRITE
The WRITE instruction is followed by 16 bits of data
which are written into the specified address. After the
last data bit is put on the DI pin, CS must be brought low
before the next rising edge of the CLK clock. Both CS
and CLK must be low to initiate the self-timed auto-
erase and programming cycle. The PE pin MUST be
latched “high” while loading the WRITE instruction but
becomes a “don't care” thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com