Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 36Page - Microchip Technology PIC16LC71 Datasheet HTML 37Page - Microchip Technology PIC16LC71 Datasheet HTML 38Page - Microchip Technology PIC16LC71 Datasheet HTML 39Page - Microchip Technology PIC16LC71 Datasheet HTML 40Page - Microchip Technology PIC16LC71 Datasheet HTML 41Page - Microchip Technology PIC16LC71 Datasheet HTML 42Page - Microchip Technology PIC16LC71 Datasheet HTML 43Page - Microchip Technology PIC16LC71 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 176 page
background image
PIC16C71X
DS30272A-page 40
© 1997 Microchip Technology Inc.
7.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 7-5. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD),
Figure 7-5. The source impedance affects the offset
voltage at the analog input (due to pin leakage current).
The maximum recommended impedance for ana-
log sources is 10 k
Ω. After the analog input channel is
selected (changed) this acquisition must be done
before the conversion can be started.
To calculate the minimum acquisition time, Equation 7-
1 may be used. This equation calculates the acquisition
time to within 1/2 LSb error is used (512 steps for the
A/D). The 1/2 LSb error is the maximum error allowed
for the A/D to meet its specified accuracy.
EQUATION 7-1:
A/D MINIMUM CHARGING
TIME
VHOLD = (VREF - (VREF/512)) • (1 - e(-T
CAP
/CHOLD(RIC + RSS + RS)))
Given: VHOLD = (VREF/512), for 1/2 LSb resolution
The above equation reduces to:
TCAP = -(51.2 pF)(1 k
Ω + RSS + RS) ln(1/511)
Example 7-1 shows the calculation of the minimum
required acquisition time TACQ. This calculation is
based on the following system assumptions.
CHOLD = 51.2 pF
Rs = 10 k
Ω
1/2 LSb error
VDD = 5V
→ Rss = 7 kΩ
Temp (application system max.) = 50
°C
VHOLD = 0 @ t = 0
EXAMPLE 7-1:
CALCULATING THE
MINIMUM REQUIRED
AQUISITION TIME
TACQ = Amplifier Settling Time +
Holding Capacitor Charging Time +
Temperature Coefficient
TACQ = 5
µs + TCAP + [(Temp - 25°C)(0.05 µs/°C)]
TCAP = -CHOLD (RIC + RSS + RS) ln(1/511)
-51.2 pF (1 k
Ω + 7 kΩ + 10 kΩ) ln(0.0020)
-51.2 pF (18 k
Ω) ln(0.0020)
-0.921
µs (-6.2364)
5.747
µs
TACQ = 5
µs + 5.747 µs + [(50°C - 25°C)(0.05 µs/°C)]
10.747
µs + 1.25 µs
11.997
µs
Note 1: The reference voltage (VREF) has no
effect on the equation, since it cancels
itself out.
Note 2: The charge holding capacitor (CHOLD) is
not discharged after each conversion.
Note 3: The maximum recommended impedance
for analog sources is 10 k
Ω. This is
required to meet the pin leakage specifi-
cation.
Note 4: After a conversion has completed, a
2.0TAD delay must complete before acqui-
sition can begin again. During this time the
holding capacitor is not connected to the
selected A/D input channel.
FIGURE 7-5:
ANALOG INPUT MODEL
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
5 6 7 8 9 10 11
( k
Ω )
VDD
= 51.2 pF
± 500 nA
Legend CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com