Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 56Page - Microchip Technology PIC16LC71 Datasheet HTML 57Page - Microchip Technology PIC16LC71 Datasheet HTML 58Page - Microchip Technology PIC16LC71 Datasheet HTML 59Page - Microchip Technology PIC16LC71 Datasheet HTML 60Page - Microchip Technology PIC16LC71 Datasheet HTML 61Page - Microchip Technology PIC16LC71 Datasheet HTML 62Page - Microchip Technology PIC16LC71 Datasheet HTML 63Page - Microchip Technology PIC16LC71 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 176 page
background image
PIC16C71X
DS30272A-page 60
© 1997 Microchip Technology Inc.
FIGURE 8-14: EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
Note 1: External Power-on Reset circuit is
required only if VDD power-up slope is too
slow. The diode D helps discharge the
capacitor quickly when VDD powers down.
2: R < 40 k
Ω is recommended to make sure
that voltage drop across R does not violate
the device’s electrical specification.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor
C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC16CXX
FIGURE 8-15: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 8-16: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
Note 1: This circuit will activate reset when VDD
goes below (Vz + 0.7V) where Vz = Zener
voltage.
2: Internal brown-out detection on the
PIC16C710/711/715 should be disabled
when using this circuit.
3: Resistors should be adjusted for the char-
acteristics of the transistor.
VDD
33k
10k
40k
VDD
MCLR
PIC16CXX
Note 1: This brown-out circuit is less expensive,
albeit less accurate. Transistor Q1 turns
off when VDD is below a certain level
such that:
2: Internal brown-out detection on the
PIC16C710/711/715 should be disabled
when using this circuit.
3: Resistors should be adjusted for the
characteristics of the transistor.
VDD •
R1
R1 + R2
= 0.7V
VDD
R2
40k
VDD
MCLR
PIC16CXX
R1
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com