Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 39Page - Microchip Technology PIC16LC71 Datasheet HTML 40Page - Microchip Technology PIC16LC71 Datasheet HTML 41Page - Microchip Technology PIC16LC71 Datasheet HTML 42Page - Microchip Technology PIC16LC71 Datasheet HTML 43Page - Microchip Technology PIC16LC71 Datasheet HTML 44Page - Microchip Technology PIC16LC71 Datasheet HTML 45Page - Microchip Technology PIC16LC71 Datasheet HTML 46Page - Microchip Technology PIC16LC71 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 43
PIC16C71X
7.4.1
FASTER CONVERSION - LOWER
RESOLUTION TRADE-OFF
Not all applications require a result with 8-bits of reso-
lution, but may instead require a faster conversion time.
The A/D module allows users to make the trade-off of
conversion speed to resolution. Regardless of the res-
olution required, the acquisition time is the same. To
speed up the conversion, the clock source of the A/D
module may be switched so that the TAD time violates
the minimum specified time (see the applicable electri-
cal specification). Once the TAD time violates the mini-
mum specified time, all the following A/D result bits are
not valid (see A/D Conversion Timing in the Electrical
Specifications section.) The clock sources may only be
switched between the three oscillator versions (cannot
be switched from/to RC). The equation to determine
the time before the oscillator can be switched is as
follows:
Conversion time = 2TAD + N • TAD + (8 - N)(2TOSC)
Where: N = number of bits of resolution required.
Since the TAD is based from the device oscillator, the
user must use some method (a timer, software loop,
etc.) to determine when the A/D oscillator may be
changed. Example 7-3 shows a comparison of time
required for a conversion with 4-bits of resolution, ver-
sus the 8-bit resolution conversion. The example is for
devices operating at 20 MHz and 16 MHz (The A/D
clock is programmed for 32TOSC), and assumes that
immediately after 6TAD, the A/D clock is programmed
for 2TOSC.
The 2TOSC violates the minimum TAD time since the
last 4-bits will not be converted to correct values.
EXAMPLE 7-3:
4-BIT vs. 8-BIT CONVERSION TIMES
Freq. (MHz)(1)
Resolution
4-bit
8-bit
TAD
20
1.6
µs
1.6
µs
16
2.0
µs
2.0
µs
TOSC
20
50 ns
50 ns
16
62.5 ns
62.5 ns
2TAD + N • TAD + (8 - N)(2TOSC)
20
10
µs
16
µs
16
12.5
µs
20
µs
Note 1: The PIC16C71 has a minimum TAD time of 2.0
µs.
All other PIC16C71X devices have a minimum TAD time of 1.6
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com