Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 42Page - Microchip Technology PIC16LC71 Datasheet HTML 43Page - Microchip Technology PIC16LC71 Datasheet HTML 44Page - Microchip Technology PIC16LC71 Datasheet HTML 45Page - Microchip Technology PIC16LC71 Datasheet HTML 46Page - Microchip Technology PIC16LC71 Datasheet HTML 47Page - Microchip Technology PIC16LC71 Datasheet HTML 48Page - Microchip Technology PIC16LC71 Datasheet HTML 49Page - Microchip Technology PIC16LC71 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 176 page
background image
PIC16C71X
DS30272A-page 46
© 1997 Microchip Technology Inc.
TABLE 7-3:
REGISTERS/BITS ASSOCIATED WITH A/D, PIC16C710/71/711
TABLE 7-4:
REGISTERS/BITS ASSOCIATED WITH A/D, PIC16C715
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets
0Bh,8Bh
INTCON
GIE
ADIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
89h
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
08h
ADCON0
ADCS1 ADCS0
—
CHS1
CHS0
GO/DONE
ADIF
ADON
00-0 0000
00-0 0000
88h
ADCON1
—
—
—
—
—
—
PCFG1
PCFG0
---- --00
---- --00
05h
PORTA
—
—
—
RA4
RA3
RA2
RA1
RA0
---x 0000
---u 0000
85h
TRISA
—
—
—
PORTA Data Direction Register
---1 1111
---1 1111
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D conversion.
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets
0Bh/8Bh INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
—
ADIF
—
—
—
—
—
—
-0-- ----
-0-- ----
8Ch
PIE1
—
ADIE
—
—
—
—
—
—
-0-- ----
-0-- ----
1Eh
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
1Fh
ADCON
0
ADCS
1
ADCS
0
CHS2
CHS1
CHS0
GO/
DONE
—
ADON
0000 00-0
0000 00-0
9Fh
ADCON
1
—
—
—
—
—
—
PCFG1
PCFG0 ---- --00
---- --00
05h
PORTA
—
—
—
RA4
RA3
RA2
RA1
RA0
---x 0000
---u 0000
85h
TRISA
—
—
—
TRISA4
TRISA
3
TRISA2
TRISA1 TRISA0 ---1 1111
---1 1111
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com