Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 98Page - Microchip Technology PIC16LC71 Datasheet HTML 99Page - Microchip Technology PIC16LC71 Datasheet HTML 100Page - Microchip Technology PIC16LC71 Datasheet HTML 101Page - Microchip Technology PIC16LC71 Datasheet HTML 102Page - Microchip Technology PIC16LC71 Datasheet HTML 103Page - Microchip Technology PIC16LC71 Datasheet HTML 104Page - Microchip Technology PIC16LC71 Datasheet HTML 105Page - Microchip Technology PIC16LC71 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 176 page
background image
PIC16C71X
DS30272A-page 102
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 12-3: TYPICAL IPD vs. VDD @ 25
°C
(WDT ENABLED, RC MODE)
FIGURE 12-4: MAXIMUM IPD vs. VDD (WDT
ENABLED, RC MODE)
25
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
35
30
25
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
-40
°C
0
°C
70
°C
85
°C
FIGURE 12-5: TYPICAL RC OSCILLATOR
FREQUENCY vs. VDD
FIGURE 12-6: TYPICAL RC OSCILLATOR
FREQUENCY vs. VDD
FIGURE 12-7: TYPICAL RC OSCILLATOR
FREQUENCY vs. VDD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Cext = 22 pF, T = 25
°C
R = 100k
R = 10k
R = 5k
Shaded area is beyond recommended range.
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Cext = 100 pF, T = 25
°C
R = 100k
R = 10k
R = 5k
R = 3.3k
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
1000
900
800
700
600
500
400
300
200
100
0
Cext = 300 pF, T = 25
°C
R = 3.3k
R = 5k
R = 10k
R = 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com