Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 157Page - Microchip Technology PIC16LC71 Datasheet HTML 158Page - Microchip Technology PIC16LC71 Datasheet HTML 159Page - Microchip Technology PIC16LC71 Datasheet HTML 160Page - Microchip Technology PIC16LC71 Datasheet HTML 161Page - Microchip Technology PIC16LC71 Datasheet HTML 162Page - Microchip Technology PIC16LC71 Datasheet HTML 163Page - Microchip Technology PIC16LC71 Datasheet HTML 164Page - Microchip Technology PIC16LC71 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 161
PIC16C71X
APPENDIX A:
The following are the list of modifications over the
PIC16C5X microcontroller family:
1.
Instruction word length is increased to 14-bits.
This allows larger page sizes both in program
memory (1K now as opposed to 512 before) and
register file (68 bytes now versus 32 bytes
before).
2.
A PC high latch register (PCLATH) is added to
handle program memory paging. Bits PA2, PA1,
PA0 are removed from STATUS register.
3.
Data memory paging is redefined slightly.
STATUS register is modified.
4.
Four
new
instructions
have
been
added:
RETURN, RETFIE, ADDLW
, and SUBLW.
Two instructions TRIS and OPTION are being
phased out although they are kept for compati-
bility with PIC16C5X.
5.
OPTION and TRIS registers are made address-
able.
6.
Interrupt capability is added. Interrupt vector is
at 0004h.
7.
Stack size is increased to 8 deep.
8.
Reset vector is changed to 0000h.
9.
Reset of all registers is revisited. Five different
reset (and wake-up) types are recognized. Reg-
isters are reset differently.
10. Wake up from SLEEP through interrupt is
added.
11. Two separate timers, Oscillator Start-up Timer
(OST)
and
Power-up
Timer
(PWRT)
are
included for more reliable power-up. These tim-
ers are invoked selectively to avoid unneces-
sary delays on power-up and wake-up.
12. PORTB has weak pull-ups and interrupt on
change feature.
13. T0CKI pin is also a port pin (RA4) now.
14. FSR is made a full eight bit register.
15. “In-circuit serial programming” is made possible.
The user can program PIC16CXX devices using
only five pins: VDD, VSS, MCLR/VPP, RB6 (clock)
and RB7 (data in/out).
16. PCON status register is added with a Power-on
Reset status bit (POR).
17. Code protection scheme is enhanced such that
portions of the program memory can be pro-
tected, while the remainder is unprotected.
18. Brown-out protection circuitry has been added.
Controlled by configuration word bit BODEN.
Brown-out reset ensures the device is placed in
a reset condition if VDD dips below a fixed set-
point.
APPENDIX B: COMPATIBILITY
To convert code written for PIC16C5X to PIC16CXX,
the user should take the following steps:
1.
Remove any program memory page select
operations (PA2, PA1, PA0 bits) for CALL, GOTO.
2.
Revisit any computed jump operations (write to
PC or add to PC, etc.) to make sure page bits
are set properly under the new scheme.
3.
Eliminate any data memory page switching.
Redefine data variables to reallocate them.
4.
Verify all writes to STATUS, OPTION, and FSR
registers since these have changed.
5.
Change reset vector to 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com