Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 162Page - Microchip Technology PIC16LC71 Datasheet HTML 163Page - Microchip Technology PIC16LC71 Datasheet HTML 164Page - Microchip Technology PIC16LC71 Datasheet HTML 165Page - Microchip Technology PIC16LC71 Datasheet HTML 166Page - Microchip Technology PIC16LC71 Datasheet HTML 167Page - Microchip Technology PIC16LC71 Datasheet HTML 168Page - Microchip Technology PIC16LC71 Datasheet HTML 169Page - Microchip Technology PIC16LC71 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 176 page
background image
PIC16C71X
DS30390D-page 166
© 1997 Microchip Technology Inc.
TO bit ................................................................................. 17
TOSE bit ............................................................................. 18
TRISA Register ...................................................... 14, 16, 25
TRISB Register ...................................................... 14, 16, 27
Two’s Complement .............................................................. 7
U
Upward Compatibility ........................................................... 3
UV Erasable Devices ........................................................... 5
W
W Register
ALU .............................................................................. 7
Wake-up from SLEEP ........................................................ 66
Watchdog Timer (WDT) ................................... 47, 52, 56, 65
WDT ................................................................................... 56
Block Diagram ............................................................ 65
Programming Considerations .................................... 65
Timeout ................................................................ 57, 58
WDT Period ........................................................................ 65
WDTE bit ...................................................................... 47, 48
Z
Z bit .................................................................................... 17
Zero bit ................................................................................. 7
LIST OF EXAMPLES
Example 3-1:
Instruction Pipeline Flow ........................... 10
Example 4-1:
Call of a Subroutine in Page 1 from
Page 0 ...................................................... 24
Example 4-2:
Indirect Addressing ................................... 24
Example 5-1:
Initializing PORTA..................................... 25
Example 5-2:
Initializing PORTB..................................... 27
Example 5-3:
Read-Modify-Write Instructions
on an I/O Port ........................................... 30
Example 6-1:
Changing Prescaler (Timer0
→WDT)........ 35
Example 6-2:
Changing Prescaler (WDT
→Timer0)........ 35
Equation 7-1:
A/D Minimum Charging Time.................... 40
Example 7-1:
Calculating the Minimum Required
Aquisition Time ......................................... 40
Example 7-2:
A/D Conversion......................................... 42
Example 7-3:
4-bit vs. 8-bit Conversion Times ............... 43
Example 8-1:
Saving STATUS and W Registers
in RAM ...................................................... 64
LIST OF FIGURES
Figure 3-1:
PIC16C71X Block Diagram ........................ 8
Figure 3-2:
Clock/Instruction Cycle ............................. 10
Figure 4-1:
PIC16C710 Program Memory Map
and Stack .................................................. 11
Figure 4-2:
PIC16C71/711 Program Memory Map
and Stack .................................................. 11
Figure 4-3:
PIC16C715 Program Memory Map
and Stack .................................................. 11
Figure 4-4:
PIC16C710/71 Register File Map ............. 12
Figure 4-5:
PIC16C711 Register File Map .................. 13
Figure 4-6:
PIC16C715 Register File Map .................. 13
Figure 4-7:
Status Register (Address 03h, 83h).......... 17
Figure 4-8:
OPTION Register (Address 81h, 181h) .... 18
Figure 4-9:
INTCON Register (Address 0Bh, 8Bh) ..... 19
Figure 4-10:
PIE1 Register (Address 8Ch) ................... 20
Figure 4-11:
PIR1 Register (Address 0Ch) ................... 21
Figure 4-12:
PCON Register (Address 8Eh),
PIC16C710/711 ........................................ 22
Figure 4-13:
PCON Register (Address 8Eh),
PIC16C715 ............................................... 22
Figure 4-14:
Loading of PC In Different Situations........ 23
Figure 4-15:
Direct/Indirect Addressing......................... 24
Figure 5-1:
Block Diagram of RA3:RA0 Pins .............. 25
Figure 5-2:
Block Diagram of RA4/T0CKI Pin ............. 25
Figure 5-3:
Block Diagram of RB3:RB0 Pins .............. 27
Figure 5-4:
Block Diagram of RB7:RB4 Pins
(PIC16C71) ............................................... 28
Figure 5-5:
Block Diagram of RB7:RB4 Pins
(PIC16C710/711/715) ............................... 28
Figure 5-6:
Successive I/O Operation ......................... 30
Figure 6-1:
Timer0 Block Diagram .............................. 31
Figure 6-2:
Timer0 Timing: Internal Clock/
No Prescale .............................................. 31
Figure 6-3:
Timer0 Timing: Internal Clock/
Prescale 1:2 .............................................. 32
Figure 6-4:
Timer0 Interrupt Timing ............................ 32
Figure 6-5:
Timer0 Timing with External Clock ........... 33
Figure 6-6:
Block Diagram of the Timer0/
WDT Prescaler ......................................... 34
Figure 7-1:
ADCON0 Register (Address 08h),
PIC16C710/71/711 ................................... 37
Figure 7-2:
ADCON0 Register (Address 1Fh),
PIC16C715 ............................................... 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com