Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/P Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 48Page - Microchip Technology PIC17C752-08/P Datasheet HTML 49Page - Microchip Technology PIC17C752-08/P Datasheet HTML 50Page - Microchip Technology PIC17C752-08/P Datasheet HTML 51Page - Microchip Technology PIC17C752-08/P Datasheet HTML 52Page - Microchip Technology PIC17C752-08/P Datasheet HTML 53Page - Microchip Technology PIC17C752-08/P Datasheet HTML 54Page - Microchip Technology PIC17C752-08/P Datasheet HTML 55Page - Microchip Technology PIC17C752-08/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 320 page
background image
PIC17C75X
DS30264A-page 52
Preliminary
© 1997 Microchip Technology Inc.
7.7
Program Counter Module
The Program Counter (PC) is a 16-bit register. PCL,
the low byte of the PC, is mapped in the data memory.
PCL is readable and writable just as is any other regis-
ter. PCH is the high byte of the PC and is not directly
addressable. Since PCH is not mapped in data or pro-
gram memory, an 8-bit register PCLATH (PC high
latch) is used as a holding latch for the high byte of the
PC. PCLATH is mapped into data memory. The user
can read or write PCH through PCLATH.
The 16-bit wide PC is incremented after each instruc-
tion fetch during Q1 unless:
• Modified by a GOTO, CALL, LCALL, RETURN,
RETLW
, or RETFIE instruction
• Modified by an interrupt response
• Due to destination write to PCL by an instruction
“Skips” are equivalent to a forced NOP cycle at the
skipped address.
Figure 7-10 and Figure 7-11 show the operation of the
program counter for various situations.
FIGURE 7-10: PROGRAM COUNTER
OPERATION
FIGURE 7-11: PROGRAM COUNTER USING
THE CALL AND GOTO
INSTRUCTIONS
Internal data bus <8>
PCLATH
8
8
8
PCH
PCL
8
15
0
7
5 4
0
12
8 7
0
87
PC<15:13>
PCLATH
Opcode
5
3
8
PCH
PCL
13
15
Using Figure 7-10, the operations of the PC and
PCLATH for different instructions are as follows:
a)
LCALL
instructions:
An 8-bit destination address is provided in the
instruction (opcode). PCLATH is unchanged.
PCLATH
→ PCH
Opcode<7:0>
→ PCL
b)
Read instructions on PCL:
Any instruction that reads PCL.
PCL
→ data bus → ALU or destination
PCH
→ PCLATH
c)
Write instructions on PCL:
Any instruction that writes to PCL.
8-bit data
→ data bus → PCL
PCLATH
→ PCH
d)
Read-Modify-Write instructions on PCL:
Any instruction that does a read-write-modify
operation on PCL, such as ADDWF PCL.
Read:
PCL
→ data bus → ALU
Write:
8-bit result
→ data bus → PCL
PCLATH
→ PCH
e)
RETURN
instruction:
Stack<MRU>
→ PC<15:0>
Using Figure 7-11, the operation of the PC and
PCLATH for GOTO and CALL instructions is as follows:
CALL
, GOTO instructions:
A 13-bit destination address is provided in the
instruction (opcode).
Opcode<12:0>
→ PC<12:0>
PC<15:13>
→ PCLATH<7:5>
Opcode<12:8>
→ PCLATH<4:0>
The read-modify-write only affects the PCL with the
result. PCH is loaded with the value in the PCLATH.
For example, ADDWF PCL will result in a jump within the
current page. If PC = 03F0h, WREG = 30h and
PCLATH = 03h before instruction, PC = 0320h after the
instruction. To accomplish a true 16-bit computed
jump, the user needs to compute the 16-bit destination
address, write the high byte to PCLATH and then write
the low value to PCL.
The following PC related operations do not change
PCLATH:
a)
LCALL
, RETLW, and RETFIE instructions.
b)
Interrupt vector is forced onto the PC.
c)
Read-modify-write instructions on PCL (e.g.
BSF PCL
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com