Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/P Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 11Page - Microchip Technology PIC17C752-08/P Datasheet HTML 12Page - Microchip Technology PIC17C752-08/P Datasheet HTML 13Page - Microchip Technology PIC17C752-08/P Datasheet HTML 14Page - Microchip Technology PIC17C752-08/P Datasheet HTML 15Page - Microchip Technology PIC17C752-08/P Datasheet HTML 16Page - Microchip Technology PIC17C752-08/P Datasheet HTML 17Page - Microchip Technology PIC17C752-08/P Datasheet HTML 18Page - Microchip Technology PIC17C752-08/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 15
PIC17C75X
4.0 ON-CHIP OSCILLATOR
CIRCUIT
The internal oscillator circuit is used to generate the
device clock. Four device clock periods generate an
internal instruction clock (TCY). There are four modes
that the oscillator can operate in. These are selected by
the device configuration bits during device program-
ming. These modes are:
• LF
Low Frequency (FOSC <= 2 MHz)
• XT
Standard Crystal/Resonator Frequency
(2 MHz <= FOSC <= 33 MHz)
• EC
External Clock Input
(Default oscillator configuration)
• RC
External Resistor/Capacitor
(FOSC <= 4 MHz)
There are two timers that offer necessary delays on
power-up. One is the Oscillator Start-up Timer (OST),
intended to keep the chip in RESET until the crystal
oscillator is stable. The other is the Power-up Timer
(PWRT), which provides a fixed delay of 96 ms (nomi-
nal) on power-up only, designed to keep the part in
RESET while the power supply stabilizes. With these
two timers on-chip, most applications need no external
reset circuitry.
SLEEP mode is designed to offer a very low current
power-down mode. The user can wake from SLEEP
through external reset, Watchdog Timer Reset or
through an interrupt.
Several oscillator options are made available to allow
the part to fit the application. The RC oscillator option
saves system cost while the LF crystal option saves
power. Configuration bits are used to select various
options.
4.1
Oscillator Configurations
4.1.1
OSCILLATOR TYPES
The PIC17CXXX can be operated in four different oscil-
lator modes. The user can program two configuration
bits (FOSC1:FOSC0) to select one of these four
modes:
• LF
Low Power Crystal
• XT
Crystal/Resonator
• EC
External Clock Input
• RC
Resistor/Capacitor
The main difference between the LF and XT modes is
the gain of the internal inverter of the oscillator circuit
which allows the different frequency ranges.
For more details on the device configuration bits, see
Section 17.0.
4.1.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT or LF modes, a crystal or ceramic resonator is
connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 4-2).
The
PIC17CXXX oscillator design requires the use of a par-
allel cut crystal. Use of a series cut crystal may give a
frequency out of the crystal manufacturers specifica-
tions.
For frequencies above 20 MHz, it is common for the
crystal to be an overtone mode crystal. Use of overtone
mode crystals require a tank circuit to attenuate the
gain at the fundamental frequency. Figure 4-3 shows
an example circuit.
4.1.2.1
OSCILLATOR / RESONATOR START-UP
As the device voltage increases from Vss, the oscillator
will start its oscillations. The time required for the oscil-
lator to start oscillating depends on many factors.
These include:
• Crystal / resonator frequency
• Capacitor values used (C1 and C2)
• Device VDD rise time.
• System temperature
• Series resistor value (and type) if used
• Oscillator mode selection of device (which selects
the gain of the internal oscillator inverter)
Figure 4-1 shows an example of a typical oscillator /
resonator start-up. The peak-to-peak voltage of the
oscillator waveform can be quite low (less than 50% of
device VDD) when the waveform is centered at VDD/2
(refer to parameter number D033 and D043 in the elec-
trical specification section).
FIGURE 4-1: OSCILLATOR / RESONATOR
START-UP
CHARACTERISTICS
Crystal Start-up Time
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com