Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/P Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 19Page - Microchip Technology PIC17C752-08/P Datasheet HTML 20Page - Microchip Technology PIC17C752-08/P Datasheet HTML 21Page - Microchip Technology PIC17C752-08/P Datasheet HTML 22Page - Microchip Technology PIC17C752-08/P Datasheet HTML 23Page - Microchip Technology PIC17C752-08/P Datasheet HTML 24Page - Microchip Technology PIC17C752-08/P Datasheet HTML 25Page - Microchip Technology PIC17C752-08/P Datasheet HTML 26Page - Microchip Technology PIC17C752-08/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 23
PIC17C75X
5.1.4
TIME-OUT SEQUENCE
On power-up the time-out sequence is as follows: First
the internal POR signal goes high when the POR trip
point is reached. If MCLR is high, then both the OST
and PWRT timers start. In general the PWRT time-out
is longer, except with low frequency crystals/resona-
tors. The total time-out also varies based on oscillator
configuration. Table 5-1 shows the times that are asso-
ciated with the oscillator configuration. Figure 5-5 and
Figure 5-6 display these time-out sequences.
If the device voltage is not within electrical specification
at the end of a time-out, the MCLR/VPP pin must be
held low until the voltage is within the device specifica-
tion. The use of an external RC delay is sufficient for
many of these applications.
The time-out sequence begins from the first rising edge
of MCLR.
Table 5-3 shows the reset conditions for some special
registers, while Table 5-4 shows the initialization condi-
tions for all the registers.
TABLE 5-1: TIME-OUT IN VARIOUS SITUATIONS
TABLE 5-2: STATUS BITS AND THEIR SIGNIFICANCE
TABLE 5-3: RESET CONDITION FOR THE PROGRAM COUNTER AND THE CPUSTAREGISTER
Oscillator
Configuration
Power-up
Wake up from
SLEEP
MCLR Reset
BOR
XT, LF
Greater of: 96 ms or 1024TOSC
1024TOSC
——
EC, RC
Greater of: 96 ms or 1024TOSC
——
—
POR
BOR (1)
TO
PD
Event
00
1
1
Power-on Reset
11
1
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP
11
0
1
WDT Reset during normal operation
11
0
0
WDT Wake-up during SLEEP
11
1
1
MCLR Reset during normal operation
10
x
x
Brown-out Reset
00
0
x
Illegal, TO is set on POR
00
x
0
Illegal, PD is set on POR
xx
1
1
CLRWDT
instruction executed
Note 1: When BOR is enabled, else the BOR status bit is unknown
Event
PCH:PCL
CPUSTA (4)
OST Active
Power-on Reset
0000h
--11 1100
Yes
Brown-out Reset
0000h
--11 1101
No
MCLR Reset during normal operation
0000h
--11 1111
No
MCLR Reset during SLEEP
0000h
--11 1011
Yes (2)
WDT Reset during normal operation
0000h
--11 0111
No
WDT Wake-up during SLEEP (3)
0000h
--11 0011
Yes (2)
Interrupt wake-up from SLEEP
GLINTD is set
PC + 1
--11 1011
Yes (2)
GLINTD is clear
PC + 1 (1)
--10 1011
Yes (2)
Legend: u = unchanged, x = unknown, - = unimplemented read as '0'.
Note 1: On wake-up, this instruction is executed. The instruction at the appropriate interrupt vector is fetched and
then executed.
2: The OST is only active when the Oscillator is configured for XT or LF modes.
3: The Program Counter = 0, that is, the device branches to the reset vector. This is different from the
mid-range devices.
4: When BOR is enabled, else the BOR status bit is unknown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com