Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/P Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 70Page - Microchip Technology PIC17C752-08/P Datasheet HTML 71Page - Microchip Technology PIC17C752-08/P Datasheet HTML 72Page - Microchip Technology PIC17C752-08/P Datasheet HTML 73Page - Microchip Technology PIC17C752-08/P Datasheet HTML 74Page - Microchip Technology PIC17C752-08/P Datasheet HTML 75Page - Microchip Technology PIC17C752-08/P Datasheet HTML 76Page - Microchip Technology PIC17C752-08/P Datasheet HTML 77Page - Microchip Technology PIC17C752-08/P Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 320 page
background image
PIC17C75X
DS30264A-page 74
Preliminary
© 1997 Microchip Technology Inc.
10.4 PORTD and DDRD Registers
PORTD is an 8-bit bi-directional port. The correspond-
ing data direction register is DDRD. A '1' in DDRD con-
figures the corresponding port pin as an input. A '0' in
the DDRD register configures the corresponding port
pin as an output. Reading PORTD reads the status of
the pins, whereas writing to it will write to the port latch.
PORTD is multiplexed with the system bus. When
operating as the system bus, PORTD is the high order
byte of the address/data bus (AD15:AD8). The timing
for the system bus is shown in the Electrical Character-
istics section.
Note: This port is configured as the system bus
when the device’s configuration bits are
selected to Microprocessor or Extended
Microcontroller modes. In the two other
microcontroller modes, this port is a gen-
eral purpose I/O.
Example 10-4 shows an instruction sequence to initial-
ize PORTD. The Bank Select Register (BSR) must be
selected to Bank 1 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-4: INITIALIZING PORTD
MOVLB
1
; Select Bank 1
CLRF
PORTD
; Initialize PORTD data
; latches before setting
; the data direction register
MOVLW
0xCF
; Value used to initialize
; data direction
MOVWF
DDRD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs
FIGURE 10-10: BLOCK DIAGRAM OF RD7:RD0 PORT PINS (IN I/O PORT MODE)
Note: I/O pins have protection diodes to VDD and Vss.
Q
D
CK
TTL
0
1
Q
D
CK
R
S
Input
Buffer
Port
Data
to D_Bus
→ IR
INSTRUCTION READ
Data Bus
RD_PORTD
WR_PORTD
RD_DDRD
WR_DDRD
EX_EN
DATA/ADDR_OUT
DRV_SYS
SYS BUS
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com