Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1034 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1034
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1034 Datasheet(HTML) 3 Page - Microchip Technology

  TC1034 Datasheet HTML 1Page - Microchip Technology TC1034 Datasheet HTML 2Page - Microchip Technology TC1034 Datasheet HTML 3Page - Microchip Technology TC1034 Datasheet HTML 4Page - Microchip Technology TC1034 Datasheet HTML 5Page - Microchip Technology TC1034 Datasheet HTML 6Page - Microchip Technology TC1034 Datasheet HTML 7Page - Microchip Technology TC1034 Datasheet HTML 8Page - Microchip Technology TC1034 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21343B-page 3
TC1034/TC1035
TC1034/TC1035 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TA = -40° to +85°C and VDD = 1.8V to 5.5V, unless otherwise specified. Typical values apply at 25°C.
Minimum and maximum values apply for VDD =3.0V.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ISRC
Output Source Current
3
—
—
mA
VIN+= VDD,VIN-= VSS
Output Shorted to VSS
VDD =1.8V, Gain =1
ISINK
Output Sink Current
4
—
—
mA
VIN+= VSS,VIN-= VDD,
Output Shorted to VDD
VDD =1.8V, Gain =1
En
Input Noise Voltage
—
10
—
µVPP
0.1Hz to 10Hz
en
Input Noise Voltage Density
—
125
—
nV/
√Hz 1kHz
Note
1:
TC1035 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com