Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1034 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1034
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1034 Datasheet(HTML) 1 Page - Microchip Technology

  TC1034 Datasheet HTML 1Page - Microchip Technology TC1034 Datasheet HTML 2Page - Microchip Technology TC1034 Datasheet HTML 3Page - Microchip Technology TC1034 Datasheet HTML 4Page - Microchip Technology TC1034 Datasheet HTML 5Page - Microchip Technology TC1034 Datasheet HTML 6Page - Microchip Technology TC1034 Datasheet HTML 7Page - Microchip Technology TC1034 Datasheet HTML 8Page - Microchip Technology TC1034 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21343B-page 1
Features
• Tiny SOT-23A Package
• Optimized for Single Supply Operation
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 6
µA(Typ.)
Shutdown Mode: 0.05
µA (Typ.) (TC1035)
• Shutdown Mode (TC1035)
• Rail-to-Rail Inputs and Outputs
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Types
General Description
The TC1034/TC1035 are single CMOS operational
amplifiers for low power applications.
They have a typical operating supply current of 6
µA,
which is constant over the supply voltage range of 1.8V
to 5.5V. The Op Amp has a rail-to-rail input and output
which allows operation at low supply voltages with
large input and output signal swings.
An active low shutdown input, SHDN, is available on
the TC1035 and disables the op amp, placing its output
in a high-impedance state. The TC1035 draws less
than 0.1
µA when the shutdown mode is active.
Packaged in a 5-Pin SOT-23A (TC1034) or 6-Pin SOT-
23A (TC1035), these single operational amplifiers are
ideal for applications requiring high integration, small
size and low power.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1034ECT
5-Pin SOT-23A
-40°C to +85°C
TC1035ECH
6-Pin SOT-23A
-40°C to +85°C
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ SC-74A.
6-Pin SOT-23A is equivalent to the EIAJ SC-74.
OUTPUT VDD
IN+
VSS
IN-
5-Pin SOT-23A
TC1034ECT
1
3
5
4
2
OUTPUT VDD
IN+
VSS
IN-
SHDN
6-Pin SOT-23A
TC1035ECH
1
3
6
4
5
2
–
OUTPUT
IN+
TC1034
–
OUTPUT
IN+
TC1035
1
2
3
5
4
6
5
4
1
2
3
VDD
VSS
IN-
VSS
SHDN
IN-
VDD
TC1034/TC1035
Linear Building Block – Single Operational Amplifiers
in SOT Packages


Similar Part No. - TC1034

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
TelCom Semiconductor, I...
TC1030COD TELCOM-TC1030COD Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CPD TELCOM-TC1030CPD Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CQR TELCOM-TC1030CQR Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
More results

Similar Description - TC1034

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
Single Operational Amplifiers
logo
Microchip Technology
TC1037 MICROCHIP-TC1037 Datasheet
481Kb / 18P
Linear Building Block . Single Comparator in SOT Packages
2002
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
OPERATIONAL AMPLIFIERS (SINGLE)
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
Single Operational Amplifiers
logo
Microchip Technology
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
SINGLE OPERATIONAL AMPLIFIERS
Dec-2001
logo
Linear Technology
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com