Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1034 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1034
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1034 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1034 Datasheet HTML 6Page - Microchip Technology TC1034 Datasheet HTML 7Page - Microchip Technology TC1034 Datasheet HTML 8Page - Microchip Technology TC1034 Datasheet HTML 9Page - Microchip Technology TC1034 Datasheet HTML 10Page - Microchip Technology TC1034 Datasheet HTML 11Page - Microchip Technology TC1034 Datasheet HTML 12Page - Microchip Technology TC1034 Datasheet HTML 13Page - Microchip Technology TC1034 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1034/TC1035
DS21343B-page 10
© 2002 Microchip Technology Inc.
6.2
Taping Form (Continued)
Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
6-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
Standard Reel Component Orientation
For TR Suffix Device
(Mark Right Side Up)
User Direction of Feed
Device
Marking
PIN 1
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
Device
Marking
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com