Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1034 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1034
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1034 Datasheet(HTML) 5 Page - Microchip Technology

  TC1034 Datasheet HTML 1Page - Microchip Technology TC1034 Datasheet HTML 2Page - Microchip Technology TC1034 Datasheet HTML 3Page - Microchip Technology TC1034 Datasheet HTML 4Page - Microchip Technology TC1034 Datasheet HTML 5Page - Microchip Technology TC1034 Datasheet HTML 6Page - Microchip Technology TC1034 Datasheet HTML 7Page - Microchip Technology TC1034 Datasheet HTML 8Page - Microchip Technology TC1034 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21343B-page 5
TC1034/TC1035
3.0
DETAILED DESCRIPTION
The TC1034/TC1035 is one of a series of very low
power, linear building block products targeted at low
voltage, single supply applications. The TC1034/
TC1035 minimum operating voltage is 1.8V and
maximum supply current is only 8
µA. The TC1034 is a
single op amp in a 5-Pin SOT-23A package, and the
TC1035 is a single op amp with shutdown input in a
6-Pin SOT-23A package.
Microchip’s op amps are internally compensated to be
unity gain stable and have a typical gain bandwidth
product of 90kHz with typical slew rates of 35V/msec.
The amplifier’s input range extends beyond both
supplies by 200mV and the outputs will swing to within
several millivolts of the supplies depending on the load
current being driven.
Input offset voltage is 500
µV max at 25°C with an input
bias current of less than 100pA. This makes these
devices extremely suitable for precision, low power
applications.
4.0
TYPICAL APPLICATIONS
The TC1034/TC1035 lends itself to a wide variety of
applications, particularly in battery powered systems. It
typically finds applications in power management,
processor supervisory and interface circuitry.
4.1
Voice Band Receive Filter
The majority of spectral energy for human voices is
found to be in a 2.7kHz frequency band from 300Hz to
3kHz. To properly recover a voice signal in applications
such as radios, cellular phones and voice pagers, a low
power bandpass filter that is matched to the human
voice spectrum can be implemented using Microchip’s
CMOS op amps. Figure 4-1 shows a unity gain multi-
pole Butterworth filter with ripple less than 0.15dB in
the human voice band. The lower 3dB cut-off frequency
is 70Hz (single order response), while the upper cut-off
frequency is 3.5kHz (fourth order response).
4.2
Supervisory Audio Tone (SAT)
Filter for Cellular
Supervisory Audio Tones (SAT) provide a reliable
transmission path between cellular subscriber units
and base stations. The SAT tone functions much like
the current/voltage used in land line telephone systems
to indicate that a phone is off the hook. The SAT tone
may be one of three frequencies: 5970, 6000 or
6030Hz. A loss of SAT implies that channel conditions
are impaired and if SAT is interrupted for more than 5
seconds a cellular call is terminated.
Figure 4-2 shows a high Q (30) second order SAT
detection bandpass filter using Microchip’s CMOS op
amp architecture. This circuit nulls all frequencies
except the three SAT tones of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com