Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 20Page - Microchip Technology PIC16F628-04/P Datasheet HTML 21Page - Microchip Technology PIC16F628-04/P Datasheet HTML 22Page - Microchip Technology PIC16F628-04/P Datasheet HTML 23Page - Microchip Technology PIC16F628-04/P Datasheet HTML 24Page - Microchip Technology PIC16F628-04/P Datasheet HTML 25Page - Microchip Technology PIC16F628-04/P Datasheet HTML 26Page - Microchip Technology PIC16F628-04/P Datasheet HTML 27Page - Microchip Technology PIC16F628-04/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 160 page
background image
PIC16F62X
DS40300B-page 24
Preliminary
© 1999 Microchip Technology Inc.
4.2.2.6
PCON REGISTER
The PCON register contains flag bits to differentiate
between a Power-on Reset, an external MCLR reset,
WDT reset or a Brown-out Detect.
Note: BOD is unknown on Power-on Reset. It
must then be set by the user and checked
on subsequent resets to see if BOD is
cleared,
indicating
a
brown-out
has
occurred. The BOD status bit is a "don’t
care" and is not necessarily predictable if
the
brown-out
circuit
is
disabled
(by
programming
BOREN
bit
in
the
Configuration word).
REGISTER 4-6:
PCON REGISTER (ADDRESS 8Eh)
U-0
U-0
U-0
U-0
R/W-1
U-0
R/W-q
R/W-q
—
—
—
—
OSCF
—POR
BOD
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ’0’
-n = Value at POR reset
bit7
bit0
bit 7-4,2: Unimplemented: Read as '0'
bit 3:
OSCF: INTRC/ER oscillator speed
1
= 4 MHz typical(1)
0
= 37 KHz typical
bit 1:
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0:
BOD: Brown-out Detect Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Note 1: When in ER oscillator mode, setting OSCF = 1 will cause the oscillator speed to change to the speed
specified by the external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com